Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 5 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 5 Page - International Rectifier

  PCMB065T-2R2MS Datasheet HTML 1Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 2Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 3Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 4Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 5Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 6Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 7Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 8Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
5
IR3473 
6A Highly Integrated SupIRBuck
TM 
PIN DESCRIPTIONS 
PIN #
PIN NAME
I/O LEVEL
PIN DESCRIPTION
1 
FCCM 
3.3V 
Forced Continuous Conduction Mode (CCM). Ground this pin to enable diode 
emulation mode or discontinuous conduction mode (DCM). Pull this pin to 3.3V 
to operate in CCM under all load conditions. 
2 
ISET  
Connecting resistor to PHASE pin sets over current trip point. 
3 
PGOOD 
5V 
Power good open drain output – pull up with a resistor to 3.3V 
4, 17 
GND 
Reference 
Bias return and signal reference. 
5 
FB 
3.3V 
Inverting input to PWM comparator, OVP / PGOOD sense. 
6 
SS 
3.3V 
Soft start/shutdown. This pin provides user programmable soft‐start function. 
Connect an external capacitor from this pin to GND to set the startup time of the 
output voltage. The converter can be shutdown by pulling this pin below 0.3V. 
7 
NC 
‐ 
‐ 
8 
3VCBP 
3.3V 
For internal LDO. Bypass with a 1.0µF capacitor to GND. A resistor in series with 
the bypass capacitor may be required in single‐ground plane designs. Refer to 
Layout Recommendation for details. 
9 
NC 
‐ 
‐ 
10 
VCC 
5V 
VCC input. Gate drive supply. A minimum of 1.0µF ceramic capacitor is required. 
11 
PGND 
Reference 
Power return. 
12 
PHASE 
VIN 
Phase node (or switching node) of MOSFET half bridge. 
13 
VIN 
VIN 
Input voltage for the system. 
14 
BOOT 
VIN + VCC 
Bootstrapped gate drive supply – connect a capacitor to PHASE. 
15 
FF 
VIN 
Input voltage feed forward – sets on‐time with a resistor to VIN. 
16 
EN 
5V 
Enable pin to turn on and off the device. Use two external resistors to set the 
turn on threshold (see Electrical Specifications) for input voltage monitoring.  
  



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com