Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 14 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 14 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 10Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 11Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 12Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
14
IR3473 
6A Highly Integrated SupIRBuck
TM 
GATE DRIVE LOGIC 
The gate drive logic features adaptive dead time,  
diode emulation, and a minimum lower gate interval.  
An adaptive dead time prevents the simultaneous 
conduction of the upper and lower MOSFETs. The lower 
gate voltage must be below approximately 1V after PWM 
goes HIGH before the upper MOSFET can be gated on. 
Also, the differential voltage between the upper gate and 
PHASE must be below approximately 1V after PWM goes 
LOW before the lower MOSFET can be gated on. 
The upper MOSFET is gated on after the adaptive delay  
for PWM = HIGH and the lower MOSFET is gated on after 
the adaptive delay for PWM = LOW. When FCCM = LOW, 
the lower MOSFET is driven ‘off’ when the ZCROSS signal 
indicates that the inductor current is about to reverse 
direction. The ZCROSS comparator monitors the PHASE 
voltage to determine when to turn off the lower MOSFET. 
The lower MOSFET stays ‘off’ until the next PWM falling 
edge. When the lower peak of the inductor current is 
above zero, IR3473 operates in continuous conduction 
mode. The continuous conduction mode can also be 
selected for all load current levels by pulling FCCM to 
HIGH. 
Whenever the upper MOSFET is turned ‘off’, it stays  
‘off’ for the Min Off Time denoted in the Electrical 
Specifications. This minimum duration allows time to 
recharge the bootstrap capacitor and allows the over 
current monitor to sample the PHASE voltage. 
 
COMPONENT SELECTION 
 
Selection of components for the converter is an iterative 
process which involves meeting the specifications and 
tradeoffs between performance and cost. The following 
sections will guide one through the process. 
Inductor Selection  
Inductor selection involves meeting the steady state 
output ripple requirement, minimizing the switching loss  
of the upper MOSFET, meeting transient response 
specifications and minimizing the output capacitance.  
The output voltage includes a DC voltage and a small AC 
ripple component due to the low pass filter which has 
incomplete attenuation of the switching harmonics. 
Neglecting the inductance in series with the output 
capacitor, the magnitude of the AC voltage ripple is 
determined by the total inductor ripple current flowing 
through the total equivalent series resistance (ESR) of the 
output capacitor bank.  
One can use equation 5 to find the required inductance.  
ΔI is defined as shown in Figure 27. The main advantage  
of small inductance is increased inductor current slew rate 
during a load transient, which leads to a smaller output 
capacitance requirement as discussed in the Output 
Capacitor Selection section. The drawback of using smaller 
inductances is increased switching power loss in the upper 
MOSFET, which reduces the system efficiency and 
increases the thermal dissipation. 
 
Figure 27: Typical Input Current Waveform 
Input Capacitor Selection  
The main function of the input capacitor bank is to provide 
the input ripple current and fast slew rate current during 
the load current step up. The input capacitor bank must 
have adequate ripple current carrying capability to handle 
the total RMS current. Figure 27 shows a typical input 
current. Equation 6 shows the RMS input current.   
The RMS input current contains the DC load current and 
the inductor ripple current. As shown in equation 5, the 
inductor ripple current is unrelated to the load current. 
The maximum RMS input current occurs at the maximum 
output current.  The maximum power dissipation in the 
input capacitor equals the square of the maximum RMS 
input current times the input capacitor’s total ESR.  
 
 
 
The voltage rating of the input capacitor needs to be 
greater than the maximum input voltage because of high 
frequency ringing at the phase node. The typical 
percentage is 25%. 
()
(6)
I
ΔI
3
1
1
Fs
T
I
dt
t
f
Ts
1
I
2
OUT
ON
OUT
Ts
0
2
IN_RMS
⎟
⎠
⎞
⎜
⎝
⎛
⋅
+
⋅
⋅
⋅
=
⋅
⋅
=
∫
(
)
(5)
L
2
V
V
T
ΔI
OUT
IN
ON
⋅
⋅
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com