Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCMB065T-2R2MS Datasheet(PDF) 15 Page - International Rectifier

Part # PCMB065T-2R2MS
Description  6A Highly Integrated SupIRBuck Input Voltage Range: 3V to 27V
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

PCMB065T-2R2MS Datasheet(HTML) 15 Page - International Rectifier

Back Button PCMB065T-2R2MS Datasheet HTML 11Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 12Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 13Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 14Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 15Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 16Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 17Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 18Page - International Rectifier PCMB065T-2R2MS Datasheet HTML 19Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
March 27, 2013  |  V2.2 |  PD97601
15
IR3473 
6A Highly Integrated SupIRBuck
TM 
Output Capacitor Selection  
Selection of the output capacitor requires meeting  
voltage overshoot requirements during load removal, and 
meeting steady state output ripple voltage requirements.  
The output capacitor is the most expensive converter 
component and increases the overall system cost.  
The output capacitor decoupling in the converter typically 
includes the low frequency capacitor, such as Specialty 
Polymer Aluminum, and mid frequency ceramic capacitors.  
The first purpose of output capacitors is to provide current 
when the load demand exceeds the inductor current,  
as shown in Figure 28. Equation 7 shows the charge 
requirement for a certain load step. The advantage 
provided by the IR3473 at a load step is the reduced delay 
compared to a fixed frequency control method. If the  
load increases right after the PWM signal goes low, the 
longest delay will be equal to the minimum lower gate  
on‐time as shown in the Electrical Specifications section.  
The IR3473 also reduces the inductor current slew time, 
the time it takes for the inductor current to reach equality 
with the output current, by increasing the switching 
frequency up to 1/(TON + Min Off Time). This results in 
reduced recovery time.  
 
Figure 28: Charge Requirement during Load Step  
 
The output voltage drop, VDROP, initially depends on the 
characteristic of the output capacitor. VDROP is the sum of 
the equivalent series inductance (ESL) of the output 
capacitor times the rate of change of the output current 
and the ESR times the change of the output current.   
VESR is usually much greater than VESL. The IR3473 
requires a total ESR such that the ripple voltage at the  
FB pin is greater than 7mV. 
The second purpose of the output capacitor is to minimize 
the overshoot of the output voltage when the load 
decreases as shown in Figure 29. By using the law of 
energy before and after the load removal, equation 8 
shows the output capacitance requirement for a load  
step down.  
 
 
 
 
Figure 29: Typical Output Voltage Response Waveform 
 
 
Boot Capacitor Selection  
The boot capacitor starts the cycle fully charged to a 
voltage of VB(0). Cg equals 0.58nF in IR3473. Choose a 
sufficiently small ΔV such that VB(0)‐ΔV exceeds the 
maximum gate threshold voltage to turn on the upper 
MOSFET.  
 
 
Choose a boot capacitor value larger than the calculated 
CBOOT in equation 9. Equation 9 is based on charge balance 
at CCM operation. Usually the boot capacitor will be 
discharged to a much lower voltage when the circuit is 
operating in DCM mode at light load, due to much longer 
lower MOSFET off time and the bias current drawn by the 
IC. Boot capacitance needs to be increased if insufficient 
turn‐on of the upper MOSFET is observed at light load, 
typically larger than 0.1µF is needed.  The voltage rating of 
this part needs to be larger than VB(0) plus the desired 
derating voltage. It’s ESR and ESL needs to be low in order 
to allow it to deliver the large current and di/dt’s which 
drive MOSFETs most efficiently. In support of these 
requirements a ceramic capacitor should be chosen. 
IOUT
ISTEP
VOUT
VL
VESR
VOS
VDROP
(8)
V
V
I
L
C
2
OUT
2
OS
2
STEP
OUT
−
⋅
=
(9)
1
ΔV
(0)
V
C
C
B
g
BOOT
⎟
⎠
⎞
⎜
⎝
⎛
−
⋅
=
t
Load
Current
ISTEP
Inductor
Slew
Rate
Output
Charge
Δt
()
(7b)
V
V
I
L
2
1
V
1
C
(7a)
t
I
0.5
V
C
Q
OUT
IN
2
STEP
DROP
OUT
STEP
⎥
⎦
⎤
⎢
⎣
⎡
⋅
⋅
=
Δ
⋅
⋅
=
⋅
=
−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com