Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 2 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 2 Page - International Rectifier

  MCR03EZPFX1002 Datasheet HTML 1Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 2Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 3Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 4Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 5Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 6Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 7Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 8Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 34 page
background image
Rev 8.0
2
PD-97658
IR3841WMPbF
14
13
ABSOLUTE MAXIMUM RATINGS
(Voltages referenced to GND unless otherwise specified)
•
Vin ……………………………………………………. -0.3V to 25V
•
Vcc ……………….….…………….……..……….…… -0.3V to 8V (Note2)
•
Boot
……………………………………..……….…. -0.3V to 33V
•
SW
…………………………………………..……… -0.3V to 25V(DC), -4V to 25V(AC, 100ns)
•
Boot to SW
……..…………………………….…..….. -0.3V to Vcc+0.3V (Note1)
•
OCSet
………………………………………….……. -0.3V to 30V, 30mA
•
Input / output Pins ……………………………….. ... -0.3V to Vcc+0.3V (Note1)
•
PGND to GND ……………...………………………….. -0.3V to +0.3V
•
Storage Temperature Range ................................... -55°C To 150°C
•
Junction Temperature Range ................................... -40°C To 150°C (Note2)
•
ESD Classification …………………………… ……… JEDEC Class 1C
•
Moisture sensitivity level………………...………………JEDEC Level 2@260 °C (Note5)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the
device. These are stress ratings only and functional operation of the device at these or any other
conditions beyond those indicated in the operational sections of the specifications are not implied.
Note1:
Must not exceed 8V
Note2:
Vcc must not exceed 7.5V for Junction Temperature between -10oC and -40oC
W
/
C
2
θ
W
/
C
35
θ
o
PCB
J
o
JA
=
=
-
PACKAGE INFORMATION
5mm x 6mm POWER QFN
4000
15
IR3841WMTRPbF
M
750
PARTS PER
REEL
15
PIN COUNT
IR3841WMTR1PbF
PACKAGE
DESCRIPTION
M
PACKAGE
DESIGNATOR
ORDERING INFORMATION
12
11
10
PGnd
15
Gnd
1
23
4
5
6
7
8
9
Seq
FB COMP Gnd Rt
SS OCSet
PGood
V
CC
Enable
Boot
VIN
SW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com