Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 33 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 33 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 26Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 27Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 28Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 29Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 30Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 31Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 32Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 33Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 34Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 33 / 34 page
background image
Rev 8.0
33
PD-97658
IR3841WMPbF
Stencil Design
•
The Stencil apertures for the lead lands should be approximately 80% of the area of
the lead lads. Reducing the amount of solder deposited will minimize the
occurrences of lead shorts. If too much solder is deposited on the center pad the part
will float and the lead lands will be open.
•
The maximum length and width of the land pad stencil aperture should be equal to
the solder resist opening minus an annular 0.2mm pull back to decrease the
incidence of shorting the center land to the lead lands when the part is pushed into
the solder paste.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com