Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 4 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 4 Page - International Rectifier

  MCR03EZPFX1002 Datasheet HTML 1Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 2Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 3Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 4Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 5Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 6Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 7Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 8Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 34 page
background image
Rev 8.0
4
PD-97658
IR3841WMPbF
Pin Description
Pin
Name
Description
1
Seq
Sequence pin. Use two external resistors to set Simultaneous Power up
sequencing. If this pin is not used connect to Vcc.
2
Fb
Inverting input to the error amplifier. This pin is connected directly to the
output of the regulator via resistor divider to set the output voltage and
provide feedback to the error amplifier.
3
Comp
Output of error amplifier. An external resistor and capacitor network is
typically connected from this pin to Fb pin to provide loop
compensation.
4
Gnd
Signal ground for internal reference and control circuitry.
5
Rt
Set the switching frequency. Connect an external resistor from this pin
to Gnd to set the switching frequency.
6
SS/SD
¯¯
Soft start / shutdown. This pin provides user programmable soft-start
function. Connect an external capacitor from this pin to Gnd to set the
start up time of the output voltage. The converter can be shutdown by
pulling this pin below 0.3V.
7
OCSet
Current limit set point. A resistor from this pin to SW pin will set the
current limit threshold.
8
PGood
Power Good status pin. Output is open drain. Connect a pull up resistor
from this pin to Vcc. If unused, it can be left open.
9
V
CC
This pin powers the internal IC and the drivers. A minimum of 1uF high
frequency capacitor must be connected from this pin to the power
ground (PGnd).
10
PGnd
Power Ground. This pin serves as a separated ground for the MOSFET
drivers and should be connected to the system’s power ground plane.
11
SW
Switch node. This pin is connected to the output inductor.
12
V
IN
Input voltage connection pin.
13
Boot
Supply voltage for high side driver. A 0.1uF capacitor must be
connected from this pin to SW.
14
Enable
Enable pin to turn on and off the device. Use two external resistors to
set the turn on threshold (see Enable section). Connect this pin to Vcc if
it is not used.
15
Gnd
Signal ground for internal reference and control circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com