Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCR03EZPFX1002 Datasheet(PDF) 14 Page - International Rectifier

Part # MCR03EZPFX1002
Description  HIGHLY EFFICIENT INTEGRATED 8A SYNCHRONOUS BUCK REGULATOR
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

MCR03EZPFX1002 Datasheet(HTML) 14 Page - International Rectifier

Back Button MCR03EZPFX1002 Datasheet HTML 10Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 11Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 12Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 13Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 14Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 15Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 16Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 17Page - International Rectifier MCR03EZPFX1002 Datasheet HTML 18Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 34 page
background image
Rev 8.0
14
PD-97658
IR3841WMPbF
An internal current source sources current (I
OCSet
) out of the OCSet pin. This current is a function
of the switching frequency and hence, of R
t.
Shutdown
The IR3841W can be shutdown by pulling the
Enable pin below its 1 V threshold. This will tri-
state both, the high side driver as well as the low
side driver. Alternatively, the output
can be
shutdown by pulling the soft-start pin below 0.3V.
Normal operation is resumed by cycling the
voltage at the Soft Start pin.
Over-Current Protection
The over current protection is performed by
sensing current through the R
DS(on) of low side
MOSFET. This method enhances the converter’s
efficiency and reduces cost by eliminating a
current sense resistor. As shown in figure 7, an
external resistor (R
OCSet) is connected between
OCSet pin and the switch node (SW) which sets
the current limit set point.
Table 1. shows I
OCSet at different switching
frequencies.
The
internal
current
source
develops a voltage across R
OCSet. When the low
side MOSFET is turned on, the inductor current
flows through the Q2 and results in a voltage at
OCSet which is given by:
An over current is detected if the OCSet pin goes
below ground. Hence, at the current limit
threshold, V
OCset=0. Then, for a current limit
setting I
Limit,ROCSet is calculated as follows:
Operating Frequency
The switching frequency can be programmed
between 250kHz – 1500kHz by connecting an
external resistor from R
t pin to Gnd. Table 1
tabulates the oscillator frequency versus R
t.
Fig. 7. Connection of over current sensing resistor
An
overcurrent
detection
trips
the
OCP
comparator, latches OCP signal and cycles the
soft start function in hiccup mode.
The hiccup is performed by shorting the soft-start
capacitor to ground and counting the number of
switching cycles. The Soft Start pin is held low
until 4096 cycles have been completed. The
OCP signal resets and the converter recovers.
After every soft start cycle, the converter stays in
this mode until the overload or short circuit is
removed.
I
)
R
R
I
V
L
(on
DS
OCSet
OCSet
OCSet
.(3)
..........
)
(
)
(
∗
−
∗
=
I
I
R
R
OCSet
Limit
on
DS
OCSet
(4)
....
..........
..........
)
(
*
=
)
2
.....(
..........
..........
..........
)
(k
)
μA
(
Ω
=
t
OCSet
R
I
1400
Table 1. Switching Frequency and I
OCSet vs.
External Resistor (R
t)
The OCP circuit starts sampling current typically
160 ns after the low gate drive rises to about 3V.
This delay functions to filter out switching noise.
143.4
1400
9.76
150.3
1500
9.31
110.2
1100
12.7
121.7
1200
11.5
130.8
1300
10.7
97.9
1000
14.3
88.6
900
15.8
78.6
800
17.8
68.2
700
20.5
59.07
600
23.7
48.7
500
28.7
39.2
400
35.7
29.4
300
47.5
I
ocset (μA)
F
s (kHz)
R
t (kΩ)
143.4
1400
9.76
150.3
1500
9.31
110.2
1100
12.7
121.7
1200
11.5
130.8
1300
10.7
97.9
1000
14.3
88.6
900
15.8
78.6
800
17.8
68.2
700
20.5
59.07
600
23.7
48.7
500
28.7
39.2
400
35.7
29.4
300
47.5
I
ocset (μA)
F
s (kHz)
R
t (kΩ)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com