Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 6 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 6 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Pin connections
L6598
6/24
Doc ID 6554 Rev 7
3
Pin connections
Figure 2.
Pin connections
Table 5.
Pin description
Pin n°
Name
Function
1
CSS
Soft start timing capacitor
2
Rfstart
Soft start frequency setting - low impedance voltage source -see also Cf
3
Cf
Oscillator frequency setting - see also Rfmin, Rfstart
4
Rfmin
Minimum oscillation frequency setting - low impedance voltage source - see also Cf
5
OPout
Sense op amp output - low impedance
6
OPon-
Sense op amp inverting input -high impedance
7
OPon+
Sense op amp non inverting input - high impedance
8
EN1
Half bridge latched enable
9
EN2
Half bridge unlatched enable
10
GND
Ground
11
LVG
Low side driver output
12
Vs
Supply voltage with internal zener clamp
13
N.C.
Not connected
14
OUT
High side driver reference
15
HVG
High side driver output
16
Vboot
Bootstrapped supply voltage



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com