Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 5 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 5 Page - STMicroelectronics

  L6598 Datasheet HTML 1Page - STMicroelectronics L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
L6598
Electrical characteristics
Doc ID 6554 Rev 7
5/24
Vref
2, 4
Voltage to current
converters threshold
1.9
2
2.1
V
td
14
Dead time between low
and high side conduction
0.2
0.27
0.35
µs
IVref
2, 4
Reference current
120
μA
Timing section
kss
1
Soft start timing constant
Css = 330nF
0.115
0.15
0.185
s/µF
Sense op amp
lIB
6, 7
Input bias current
0.1
µA
Vio
Input offset voltage
-10
10
mV
Rout
5
Output resistance
200
300
?
Iout-
Source output current
Vout = 4.5V
1
mA
Iout+
Sink output current
Vout = 0.2V
1
mA
Vic
6,7
Op amp input common
mode range
-0.2
3
V
GBW
Sense op amp gain band
width product (1)
0.5
1
MHz
Gdc
DC open loop gain
60
80
dB
Comparators
Vthe1
8
Enabling comparator
threshold
0.56
0.6
0.64
V
Vthe2
9
Enabling comparator
threshold
1.05
1.2
1.35
V
tpulse
8,9
Minimum pulse length
200
ns
1.
Guaranteed by design
Table 4.
Electrical characteristics (continued)
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com