Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 9 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics L6598 Datasheet HTML 10Page - STMicroelectronics L6598 Datasheet HTML 11Page - STMicroelectronics L6598 Datasheet HTML 12Page - STMicroelectronics L6598 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 24 page
background image
L6598
Block diagram description
Doc ID 6554 Rev 7
9/24
5
Block diagram description
5.1
High/low side driving section
An high and low side driving section provide the proper driving to the external power MOS or
IGBT. An high sink/source driving current (450/250 mA typ) ensure fast switching times also
when size for power MOS are used. The internal logic ensures a minimum dead time to
avoid cross-conduction of the power devices.
5.2
Timing and oscillator section
The device is provided of a soft start function. It consists in a period of time, TSS, in which
the switching frequency shifts from fstart to fmin. This feature is explained in the following
description (ref. fig.7 and fig.8).
Figure 6.
Soft start and frequency shifting block
During the soft start time the current ISS charges the capacitor CSS, generating a voltage
ramp which is delivered to a transconductance amplifier, as shown in fig. 7. Thus this
voltage signal is converted in a growing current which is subtracted to Ifstart. Therefore the
current which drives the oscillator to set the frequency during the soft start is equal to:
Equation 1
Equation 2
I
osc
I
fmin
I
fstart
g
mVCss t
()
–
()
+
I
fmin
I
fstart
g
mIss
C
ss
--------------
–
⎝⎠
⎛⎞
+
==
where
I
fmin
V
REF
R
fmin
-------------- I
fstart
V
REF
R
fstart
---------------- V
REF
2V
=
,
=
,
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com