Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L6598 Datasheet(PDF) 3 Page - STMicroelectronics

Part # L6598
Description  High voltage resonant controller
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6598 Datasheet(HTML) 3 Page - STMicroelectronics

  L6598 Datasheet HTML 1Page - STMicroelectronics L6598 Datasheet HTML 2Page - STMicroelectronics L6598 Datasheet HTML 3Page - STMicroelectronics L6598 Datasheet HTML 4Page - STMicroelectronics L6598 Datasheet HTML 5Page - STMicroelectronics L6598 Datasheet HTML 6Page - STMicroelectronics L6598 Datasheet HTML 7Page - STMicroelectronics L6598 Datasheet HTML 8Page - STMicroelectronics L6598 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
L6598
Maximum ratings
Doc ID 6554 Rev 7
3/24
1
Maximum ratings
Note:
ESD immunity for pins 14, 15 and 16 is guaranteed up to 900 (human body model).
Table 1.
Absolute maximum ratings
Symbol
Parameter
Value
Unit
IS
Supply current at Vcl
(1)
1.
The device is provided of an internal clamping zener between GND and the Vs pin, It must not be supplied
by a low impedance voltage source.
25
mA
VLVG
Low side output
14.6
V
VOUT
High side reference
-1 to VBOOT -18
V
VHVG
High side output
-1 to VBOOT
V
VBOOT
Floating supply voltage
618
V
dVBOOT/dt
VBOOT pin slew rate (repetitive)
±50
V/ns
dVOUT/dt
OUT pin slew rate (repetitive)
±50
V/ns
Vir
Forced input voltage (pins Rfmin, Rfstart)
-0.3 to 5
V
Vic
Forced input voltage (pins Css, Cf)
-0.3 to 5
V
VEN1,
VEN2
Enable input voltage
-0.3 to 5
V
IEN1, IEN2
Enable input current
±3
mA
Vopc
Sense op amp common mode range
-0.3 to 5
V
Vopd
Sense op amp differential mode range
-5 to 5
V
Vopo
Sense op amp output voltage (forced)
4.6
V
Tstg
Storage temperature
-40 to +150
°C
Tj
Junction temperature
-40 to +150
°C
Tamb
Ambient temperature
-40 to +125
°C
Table 2.
Thermal data
Symbol
Parameter
SO16N
DIP16
Unit
RthJA
Thermal resistance junction to ambient
120
80
°C/W
Table 3.
Recommended operating conditions
Symbol
Parameter
Value
Unit
VS
Supply voltage
10 to Vcl
V
Vout
(1)
1.
If the condition Vboot - Vout < 18 is guaranteed, Vout can range from -3 to 580 V.
High side reference
-1 to Vboot-Vcl
V
Vboot
(1)
Floating supply rail
500
V
fmax
Maximum switching frequency
400
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com