Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FVC Datasheet(PDF) 12 Page - Rohm

Part # BA2902FVC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FVC Datasheet(HTML) 12 Page - Rohm

Back Button BA2902FVC Datasheet HTML 8Page - Rohm BA2902FVC Datasheet HTML 9Page - Rohm BA2902FVC Datasheet HTML 10Page - Rohm BA2902FVC Datasheet HTML 11Page - Rohm BA2902FVC Datasheet HTML 12Page - Rohm BA2902FVC Datasheet HTML 13Page - Rohm BA2902FVC Datasheet HTML 14Page - Rohm BA2902FVC Datasheet HTML 15Page - Rohm BA2902FVC Datasheet HTML 16Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
12/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
-8
-6
-4
-2
0
2
4
6
8
-1
01
23
45
INPUT VOLTAGE [V]
○BA2904Yxxx-C
(*)The above data is measurement value of
typical sample, it is not guaranteed.
Figure 19.
Input Offset Current – Supply Voltage
(Vicm=0V, OUT=1.4V)
Figure 18.
Input Offset Voltage – Input Voltage
(VCC=5V)
Figure 20.
Input Offset Current – Ambient Temperature
(Vicm=0V, OUT=1.4V)
Figure 21.
Large Signal Voltage Gain – Supply Voltage
(RL=2k
Ω)
-10
-5
0
5
10
0
5
10
15
20
25
30
35
SUPPLY VOLTAGE [V]
-10
-5
0
5
10
-50
-25
0
25
50
75
100 125 150
AMBIENT TEMPERATURE [℃]
-40℃
25℃
125℃
-40℃
25℃
125℃
3V
32V
5V
-40℃
25℃
125℃
60
70
80
90
100
110
120
130
140
4
6
8
10
12
14
16
SUPPLY VOLTAGE [V]
32V
36V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com