Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FVC Datasheet(PDF) 20 Page - Rohm

Part # BA2902FVC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FVC Datasheet(HTML) 20 Page - Rohm

Back Button BA2902FVC Datasheet HTML 16Page - Rohm BA2902FVC Datasheet HTML 17Page - Rohm BA2902FVC Datasheet HTML 18Page - Rohm BA2902FVC Datasheet HTML 19Page - Rohm BA2902FVC Datasheet HTML 20Page - Rohm BA2902FVC Datasheet HTML 21Page - Rohm BA2902FVC Datasheet HTML 22Page - Rohm BA2902FVC Datasheet HTML 23Page - Rohm BA2902FVC Datasheet HTML 24Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
20/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
●Power Dissipation
Power dissipation (total loss) indicates the power that the IC can consume at Ta=25°C (normal temperature). As the IC
consumes power, it heats up, causing its temperature to be higher than the ambient temperature. The allowable
temperature that the IC can accept is limited. This depends on the circuit configuration, manufacturing process, and
consumable power.
Power dissipation is determined by the allowable temperature within the IC (maximum junction temperature) and the
thermal resistance of the package used (heat dissipation capability). Maximum junction temperature is typically equal to the
maximum storage temperature. The heat generated through the consumption of power by the IC radiates from the mold
resin or lead frame of the package. Thermal resistance, represented by the symbol
θja°C/W, indicates this heat dissipation
capability. Similarly, the temperature of an IC inside its package can be estimated by thermal resistance.
Figure 50. (a) shows the model of the thermal resistance of the package. The equation below shows how to compute for the
Thermal resistance (
θja), given the ambient temperature (Ta), junction temperature (Tj), and power dissipation (Pd).
θja = (Tjmax - Ta) / Pd
℃/W
・・・・・
(Ⅰ)
The Derating curve in Figure 50. (b) indicates the power that the IC can consume with reference to ambient temperature.
Power consumption of the IC begins to attenuate at certain temperatures. This gradient is determined by Thermal
resistance (
θja), which depends on the chip size, power consumption, package, ambient temperature, package condition,
wind velocity, etc. This may also vary even when the same of package is used. Thermal reduction curve indicates a
reference value measured at a specified condition. Figure 51. (c),(d) shows an example of the derating curve for
BA2904Yxxx-C, BA2902Yxx-C.
When using the unit above Ta=25℃, subtract the value above per Celsius degree .
Mounted on a FR4 glass epoxy board 70mm×70mm×1.6mm(cooper foil area below 3%)
(12)
(13)
(14)
(15)
(16)
Unit
6.2
5.0
4.8
7.0
4.5
mW/℃
(a) Thermal resistance
(b) Derating curve
Figure 50. Thermal resistance and derating
0
50
75
100
125
150
25
P1
P2
Pd (max)
LSI
の 消費電 力 [W]
θ' ja2
θ' ja1
Tj ' (max)
θja2 < θja1
周囲 温度 Ta [℃ ]
θ ja2
θ ja1
Tj (max)
Power dissipation of LSI
Ambient temperature
Figure 51. Derating curve
Ambient temperature
Ta ℃
Chip surface temperature Tj [℃]
Power dissipation
Pd[W]
θja = ( Tjmax - Ta) / Pd
℃ /W
(c) BA2904Yxxx-C
(d) BA2902Yxx-C
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
BA2904YFVM-C(14)
BA2904YFV-C(13)
BA2904YF-C(12)
0
200
400
600
800
1000
0
25
50
75
100
125
150
AMBIENT TEMPERATURE [℃]
BA2902YFV-C(15)
BA2902YF-C(16)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com