Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FVC Datasheet(PDF) 22 Page - Rohm

Part # BA2902FVC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FVC Datasheet(HTML) 22 Page - Rohm

Back Button BA2902FVC Datasheet HTML 18Page - Rohm BA2902FVC Datasheet HTML 19Page - Rohm BA2902FVC Datasheet HTML 20Page - Rohm BA2902FVC Datasheet HTML 21Page - Rohm BA2902FVC Datasheet HTML 22Page - Rohm BA2902FVC Datasheet HTML 23Page - Rohm BA2902FVC Datasheet HTML 24Page - Rohm BA2902FVC Datasheet HTML 25Page - Rohm BA2902FVC Datasheet HTML 26Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
22/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
Test Circuit 2 Switch Condition
SW No.
SW
1
SW
2
SW
3
SW
4
SW
5
SW
6
SW
7
SW
8
SW
9
SW
10
SW
11
SW
12
SW
13
SW
14
Supply Current
OFF OFF OFF
ON
OFF
ON
OFF OFF OFF OFF OFF OFF OFF OFF
Maximum Output Voltage (high)
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF
ON
OFF
Maximum Output Voltage (Low)
OFF OFF
ON
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF
ON
OFF
Output Source Current
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF OFF
ON
Output Sink Current
OFF OFF
ON
OFF OFF
ON
OFF OFF OFF OFF OFF OFF OFF
ON
Slew Rate
OFF OFF OFF
ON
OFF OFF OFF
ON
ON
ON
ON
OFF OFF OFF
Gain Bandwidth Product
OFF
ON
OFF OFF
ON
ON
OFF OFF
ON
ON
ON
OFF OFF OFF
Equivalent Input Noise Voltage
ON
OFF OFF OFF
ON
ON
OFF OFF OFF OFF
ON
OFF OFF OFF
C
Figure . 53 Test Circuit 2 (each Op-Amp)
Figure . 54 Slew Rate Input Waveform
(R1=1k
Ω, R2=100kΩ)
Figure . 55 Test Circuit 3(Channel Separation)
40dB amplifier
40dB amplifier
VCC
VEE
R1
V
R2
R1//R2
OUT1
=0.5[Vrms]
VIN
VCC
VEE
R1
V
R2
R1//R2
OUT2
OTHER
CH
CS=20×log
100×OUT1
OUT2
SW1SW2
SW3
-
+
SW10
SW11
SW12
A
VIN-
VIN+
RL
VCC
VEE
SW9
~
~
SW6SW7
SW8
~
CL
SW13
SW14
A
V
OUT
RS
SW5
SW4
V
R1
R2
VH
VL
Input wave
t
Input voltage
VH
VL
Δ t
ΔV
Output wave
SR=
ΔV/Δt
t
Output voltage
90%
10%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com