Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BA2902FVC Datasheet(PDF) 23 Page - Rohm

Part # BA2902FVC
Description  Automotive Ground Sense Operational Amplifiers
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BA2902FVC Datasheet(HTML) 23 Page - Rohm

Back Button BA2902FVC Datasheet HTML 19Page - Rohm BA2902FVC Datasheet HTML 20Page - Rohm BA2902FVC Datasheet HTML 21Page - Rohm BA2902FVC Datasheet HTML 22Page - Rohm BA2902FVC Datasheet HTML 23Page - Rohm BA2902FVC Datasheet HTML 24Page - Rohm BA2902FVC Datasheet HTML 25Page - Rohm BA2902FVC Datasheet HTML 26Page - Rohm BA2902FVC Datasheet HTML 27Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 30 page
background image
Datasheet
www.rohm.com © 2013 ROHM Co., Ltd. All rights reserved.
TSZ02201-0RAR1G200110-1-2
TSZ22111・15・001
23/27
21.Jan.2013 Rev.002
BA2904Yxxx-C, BA2902Yxx-C
●Operational Notes
1) Unused circuits
When there are unused circuits, it is recommended that they are
connected as in Figure .56, setting the non-inverting input terminal to a
potential within the in-phase input voltage range (Vicm).
2) Input voltage
Applying VEE +36V to the input terminal is possible without causing
deterioration of the electrical characteristics or destruction, regardless of
the supply voltage. However, this does not ensure normal circuit operation.
Please note that the circuit operates normally only when the input voltage is
within the common mode input voltage range of the electric characteristics.
3) Power supply (single / dual)
The op-amp operates when the voltage supplied is between VCC and VEE.
Therefore, the single supply op-amp can be used as dual supply op-amp as
well.
4) Power dissipation Pd
Using the unit in excess of the rated power dissipation may cause deterioration in electrical characteristics including
reduced current capability due to the rise of chip temperature. Therefore, please take into consideration the power
dissipation (Pd) under actual operating conditions and apply a sufficient margin in thermal design. Refer to the thermal
derating curves for more information.
5) Short-circuit between pins and erroneous mounting
Be careful when mounting the IC on printed circuit boards. The IC may be damaged if it is mounted in a wrong orientation
or if pins are shorted together. Short circuit may be caused by conductive particles caught between the pins.
6) Operation in a strong electromagnetic field
Operating the IC in the presence of a strong electromagnetic field may cause the IC to malfunction.
7) Radioactive rays
This IC is not designed protection against radioactive rays.
8) IC handling
Applying mechanical stress to the IC by deflecting or bending the board may cause fluctuations of the electrical
characteristics due to piezo resistance effects.
9) IC operation
The output stage of the IC is configured using Class C push-pull circuits. Therefore, when the load resistor is connected
to the middle potential of VCC and VEE, crossover distortion occurs at the changeover between discharging and
charging of the output current. Connecting a resistor between the output terminal and GND, and increasing the bias
current for Class A operation will suppress crossover distortion.
10) Board inspection
Connecting a capacitor to a pin with low impedance may stress the IC. Therefore, discharging the capacitor after every
process is recommended. In addition, when attaching and detaching the jig during the inspection phase, make sure that
the power is turned OFF before inspection and removal. Furthermore, please take measures against ESD in the
assembly process as well as during transportation and storage.
11) Output capacitor
If a large capacitor is connected between the output pin and GND pin, current from the charged capacitor will flow into the
output pin and may destroy the IC when the VCC or VIN pin is shorted to ground or pulled down to 0V. Use a capacitor
smaller than 0.1uF between output and GND.
12) Oscillation by output capacitor
Please pay attention to the oscillation by output capacitor and in designing an application of negative feedback loop
circuit with these ICs.
Connect
to Vicm
VCC
VEE
Vicm
-
+
application circuit for unused op-amp
Figure 56.
Example of



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com