Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4TPC150M Datasheet(PDF) 17 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 17 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 13Page - Texas Instruments 4TPC150M Datasheet HTML 14Page - Texas Instruments 4TPC150M Datasheet HTML 15Page - Texas Instruments 4TPC150M Datasheet HTML 16Page - Texas Instruments 4TPC150M Datasheet HTML 17Page - Texas Instruments 4TPC150M Datasheet HTML 18Page - Texas Instruments 4TPC150M Datasheet HTML 19Page - Texas Instruments 4TPC150M Datasheet HTML 20Page - Texas Instruments 4TPC150M Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 40 page
background image
0.1
0.01
10
100
1k
10k
1
100k
1 M
10 M
V
=3.3V
I
=10mA
C =22 F
OUT1
O
O
m
f
Frequency
Hz
-
-
0.1
0.01
10
100
1k
10k
1
100k
1 M
10 M
V
=3.3V
I
=1A
C =22 F
OUT1
O
O
m
f
Frequency
Hz
-
-
0.1
0.01
10
100
1k
10k
1
100k
1 M
10 M
V
=1.8V
I
=10mA
C =47 F
OUT2
O
O
m
f
Frequency
Hz
-
-
0.1
0.01
10
100
1k
10k
1
100k
1 M
10 M
V
=1.8V
I
=2A
C =47 F
OUT2
O
O
m
f
Frequency
Hz
-
-
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
TYPICAL CHARACTERISTICS (continued)
OUTPUT IMPEDANCE
OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 14.
Figure 15.
OUTPUT IMPEDANCE
OUTPUT IMPEDANCE
vs
vs
FREQUENCY
FREQUENCY
Figure 16.
Figure 17.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com