Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4TPC150M Datasheet(PDF) 2 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 2 Page - Texas Instruments

  4TPC150M Datasheet HTML 1Page - Texas Instruments 4TPC150M Datasheet HTML 2Page - Texas Instruments 4TPC150M Datasheet HTML 3Page - Texas Instruments 4TPC150M Datasheet HTML 4Page - Texas Instruments 4TPC150M Datasheet HTML 5Page - Texas Instruments 4TPC150M Datasheet HTML 6Page - Texas Instruments 4TPC150M Datasheet HTML 7Page - Texas Instruments 4TPC150M Datasheet HTML 8Page - Texas Instruments 4TPC150M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 40 page
background image
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
The TPS704xx family of voltage regulators offers very low dropout voltage and dual outputs. These devices have
extremely low noise output performance without using any added filter bypass capacitors and are designed to
have a fast transient response and be stable with 47-mF low ESR capacitors.
These devices have fixed 3.3-V/2.5-V, 3.3-V/1.8-V, 3.3-V/1.5-V, 3.3-V/1.2-V, and adjustable voltage options.
Regulator 1 can support up to 1 A, and regulator 2 can support up to 2 A. Separate voltage inputs allow the
designer to configure the source power.
Because the PMOS device behaves as a low-value resistor, the dropout voltage is very low (typically 160 mV on
regulator 1) and is directly proportional to the output current. Additionally, since the PMOS pass element is a
voltage-driven device, the quiescent current is very low and independent of output loading (maximum of 250 mA
over the full range of output current and full range of temperature). This LDO family also features a sleep mode;
applying a high signal to EN1 or EN2 (enable) shuts down regulator 1 or regulator 2, respectively. When a high
signal is applied to both EN1 and EN2, both regulators enter sleep mode, thereby reducing the input current to 2
mA at TJ = +25°C.
For each regulator, there is an internal discharge transistor to discharge the output capacitor when the regulator
is turned off (disabled).
The PG1 pin reports the voltage condition at VOUT1. The PG1 pin can be used to implement a SVS (RESET,
POR, or power on reset) for the circuitry supplied by regulator 1. The PG2 pin reports the voltage conditions at
VOUT2. The PG2 pin can be used to implement a SVS (power on reset) for the circuitry supplied by regulator 2.
The TPS704xx features a RESET (SVS, POR, or power on reset). RESET is an active low, open drain output
and requires a pull-up resistor for normal operation. When pulled up, RESET goes into a high impedance state
(that is, logic high) after a 120-ms delay when both of the following conditions are met. First, VIN1 must be above
the undervoltage condition. Second, the manual reset (MR) pin must be in a high impedance state. To monitor
VOUT1, the PG1 output pin can be connected to MR. To monitor VOUT2, the PG2 output pin can be connected to
MR. RESET can be used to drive power on reset or a low-battery indicator. If RESET is not used, it can be left
floating.
Internal bias voltages are powered by VIN1 and require 2.7 V for full functionality. Each regulator input has an
undervoltage lockout circuit that prevents each output from turning on until the respective input reaches 2.5 V.
2
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com