Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4TPC150M Datasheet(PDF) 28 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 28 Page - Texas Instruments

Back Button 4TPC150M Datasheet HTML 24Page - Texas Instruments 4TPC150M Datasheet HTML 25Page - Texas Instruments 4TPC150M Datasheet HTML 26Page - Texas Instruments 4TPC150M Datasheet HTML 27Page - Texas Instruments 4TPC150M Datasheet HTML 28Page - Texas Instruments 4TPC150M Datasheet HTML 29Page - Texas Instruments 4TPC150M Datasheet HTML 30Page - Texas Instruments 4TPC150M Datasheet HTML 31Page - Texas Instruments 4TPC150M Datasheet HTML 32Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 40 page
background image
2V
0.7V
TPS704xxPWP
(FixedOutputOption)
22 F
m
0.22 F
m
0.22 F
m
250kW
250kW
250kW
47 F
m
EN1
EN2
>2V
<0.7V
>2V
<0.7V
EN2
EN1
V
IN2
V
IN1
V
IN
V
OUT2
V
SENSE2
MR
PG2
RESET
V
SENSE1
V
OUT1
MR
RESET
PG2
V
OUT2
V
OUT1
95%
95%
EN2
EN1
V
OUT1
V
OUT2
PG2
PG1
MR
RESET
NOTES:A.t :TimeatwhichV
isgreaterthanV
and
islogichigh.
B.Thetimingdiagramisnotdrawntoscale.
1
IN
UVLO
MR
120ms
t
1
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
www.ti.com
Application condition: VIN1 and VIN2 are tied to the
same fixed input voltage greater than VUVLO. MR is
initially logic high but is eventually toggled.
EN1 and EN2 are initially high; therefore, both
regulators are off, and PG1 and PG2 are at logic low.
Since VIN1 is greater than VUVLO and MR is at logic
high, RESET is also at logic high. When EN2 is taken
to logic low, VOUT2 turns on. Later, when EN1 is taken
to logic low, VOUT1 turns on. When VOUT2 reaches
95% of its regulated output voltage, PG2 goes to
logic high. When VOUT1 reaches 95% of its regulated
output voltage, PG1 goes to logic high. When MR is
taken to logic low, RESET is taken low. When MR
returns to logic high, RESET returns to logic high
after a 120-ms delay.
Figure 39. Timing When MR is Toggled
28
Submit Documentation Feedback
Copyright © 2000–2010, Texas Instruments Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com