Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

4TPC150M Datasheet(PDF) 3 Page - Texas Instruments

Part # 4TPC150M
Description  DUAL-OUTPUT, LOW DROPOUT VOLTAGE REGULATORS WITH INTEGRATED SVS FOR SPLIT VOLTAGE SYSTEMS
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

4TPC150M Datasheet(HTML) 3 Page - Texas Instruments

  4TPC150M Datasheet HTML 1Page - Texas Instruments 4TPC150M Datasheet HTML 2Page - Texas Instruments 4TPC150M Datasheet HTML 3Page - Texas Instruments 4TPC150M Datasheet HTML 4Page - Texas Instruments 4TPC150M Datasheet HTML 5Page - Texas Instruments 4TPC150M Datasheet HTML 6Page - Texas Instruments 4TPC150M Datasheet HTML 7Page - Texas Instruments 4TPC150M Datasheet HTML 8Page - Texas Instruments 4TPC150M Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 40 page
background image
TPS70445, TPS70448
TPS70451, TPS70458
TPS70402
www.ti.com
SLVS307F – SEPTEMBER 2000 – REVISED APRIL 2010
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
ORDERING INFORMATION(1)
VOLTAGE (V)(2)
PACKAGE-
SPECIFIED
LEAD
TEMPERATURE
ORDERING
TRANSPORT
PRODUCT
VOUT1
VOUT2
(DESIGNATOR)
RANGE (TJ)
NUMBER
MEDIA, QUANTITY
TPS70402PWP
Tube, 60
TPS70402
Adjustable
Adjustable
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70402PWPR
Tape and Reel, 2000
TPS70445PWP
Tube, 60
TPS70445
3.3 V
1.2 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70445PWPR
Tape and Reel, 2000
TPS70448PWP
Tube, 60
TPS70448
3.3 V
1.5 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70448PWPR
Tape and Reel, 2000
TPS70451PWP
Tube, 60
TPS70451
3.3 V
1.8 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70451PWPR
Tape and Reel, 2000
TPS70458PWP
Tube, 60
TPS70458
3.3 V
2.5 V
HTSSOP-24 (PWP)
–40°C to +125°C
TPS70458PWPR
Tape and Reel, 2000
(1)
For the most current package and ordering information, see the Package Option Addendum at the end of this document, or visit the
device product folder at ti.com.
(2)
For fixed 1.20 V operation, tie FB to OUT.
ABSOLUTE MAXIMUM RATINGS
(1)
Over operating free-air temperature range (unless otherwise noted).
TPS704xx
UNIT
Input voltage range: VIN1, VIN2
(2)
–0.3 to +7
V
Voltage range at EN1, EN2
–0.3 to +7
V
Output voltage range (VOUT1, VSENSE1)
5.5
V
Output voltage range (VOUT2, VSENSE2)
5.5
V
Maximum RESET, PG1, PG2 voltage
7
V
Maximum MR voltage
VIN1
V
Peak output current
Internally limited
—
Continuous total power dissipation
See Dissipation Ratings Table
—
Operating virtual junction temperature range, TJ
–40 to +150
°C
Storage temperature range, Tstg
–65 to +150
°C
ESD rating, HBM
2
kV
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltages are tied to network ground.
Copyright © 2000–2010, Texas Instruments Incorporated
Submit Documentation Feedback
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com