Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 21 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 17Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 18Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 19Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 20Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 21Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 22Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 23Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 24Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
21 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
8.17.1 Features
• Internally resets chip if not periodically reloaded during the programmable time-out
period.
• Optional windowed operation requires reload to occur between a minimum and
maximum time period, both programmable.
• Optional warning interrupt can be generated at a programmable time prior to
watchdog time-out.
• Enabled by software but requires a hardware reset or a watchdog reset/interrupt to be
disabled.
• Incorrect feed sequence causes reset or interrupt if enabled.
• Flag to indicate watchdog reset.
• Programmable 24-bit timer with internal prescaler.
• Selectable time period from (Tcy(WDCLK)  256  4) to (Tcy(WDCLK)  224  4) in
multiples of Tcy(WDCLK)  4.
• The Watchdog Clock (WDCLK) source can be selected from the internal RC oscillator
(IRC), or the dedicated watchdog oscillator (WDOsc). This gives a wide range of
potential timing choices of watchdog operation under different power conditions.
8.18 Self Wake-up Timer (WKT)
The self wake-up timer is a 32-bit, loadable down-counter. Writing any non-zero value to
this timer automatically enables the counter and launches a count-down sequence. When
the counter is used as a wake-up timer, this write can occur just prior to entering a
reduced power mode.
8.18.1 Features
• 32-bit loadable down-counter. Counter starts automatically when a count value is
loaded. Time-out generates an interrupt/wake up request.
• The WKT resides in a separate, always-on power domain.
• The WKT supports two clock sources: the low-power oscillator and the IRC. The
low-power oscillator is located in the always-on power domain, so it can be used as
the clock source in Deep power-down mode.
• The WKT can be used for waking up the part from any reduced power mode,
including Deep power-down mode, or for general-purpose timing.
8.19 SysTick timer
The ARM Cortex-M0+ 24-bit SysTick timer is implemented on the LPC81xM.
8.20 Analog comparator (ACMP)
The analog comparator with selectable hysteresis can compare voltage levels on external
pins and internal voltages.
After power-up and after switching the input channels of the comparator, the output of the
voltage ladder must be allowed to settle to its stable value before it can be used as a
comparator reference input. Settling times are given in Table 22.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com