Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 34 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 30Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 31Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 32Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 33Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 34Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 35Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 36Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 37Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
34 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[1]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), nominal supply voltages.
[2]
Tamb =25 C.
[3]
IDD measurements were performed with all pins configured as GPIO outputs driven LOW and pull-up resistors disabled.
[4]
IRC enabled; system oscillator disabled; system PLL disabled.
[5]
System oscillator enabled; IRC disabled; system PLL disabled.
Vhys
hysteresis voltage
0.4
-
-
V
VOH
HIGH-level output
voltage
2.5 V
V
DD 3.6 V; IOH = 20 mA
VDD  0.4 -
-
V
1.8 V
V
DD < 2.5 V; IOH =12 mA
VDD  0.4 -
-
V
VOL
LOW-level output
voltage
2.5 V
V
DD 3.6 V; IOL =4 mA
-
-
0.4
V
1.8 V
V
DD < 2.5 V; IOL =3 mA
-
-
0.4
V
IOH
HIGH-level output
current
VOH =VDD  0.4 V;
2.5 V
 V
DD  3.6 V
20
-
-
mA
1.8 V
 V
DD < 2.5 V
12
-
-
mA
IOL
LOW-level output
current
VOL =0.4 V
2.5 V
 V
DD  3.6 V
4-
-
mA
1.8 V
 V
DD < 2.5 V
3
-
-
mA
IOLS
LOW-level short-circuit
output current
VOL =VDD
[16] --
50
mA
Ipd
pull-down current
VI =5V
[17] 10
50
150
A
Ipu
pull-up current
VI =0V
2.0 V
 V
DD  3.6 V
[17] 15
50
85
A
1.8 V
 V
DD < 2.0 V
10
50
85
A
VDD <VI <5V
0
0
0
A
I2C-bus pins (PIO0_10 and PIO0_11); see Figure 12
VIH
HIGH-level input
voltage
0.7VDD
--
V
VIL
LOW-level input voltage
-
-
0.3VDD V
Vhys
hysteresis voltage
-
0.05VDD
-V
IOL
LOW-level output
current
VOL = 0.4 V; I2C-bus pins
configured as standard mode pins
2.5 V
 V
DD  3.6 V
3.5
-
-
mA
1.8 V
 V
DD < 2.5 V
3
-
-
IOL
LOW-level output
current
VOL = 0.4 V; I2C-bus pins
configured as Fast-mode Plus
pins
2.5 V
 V
DD  3.6 V
20
-
-
mA
1.8 V
 V
DD < 2.5 V
16
-
-
ILI
input leakage current
VI =VDD
[18] -2
4
A
VI = 5 V
-
10
22
A
Oscillator input pins (PIO0_8 and PIO0_9)
Vi(xtal)
crystal input voltage
0.5
1.8
1.95
V
Vo(xtal)
crystal output voltage
0.5
1.8
1.95
V
Table 9.
Static characteristics …continued
Tamb = 40 C to +105 C, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com