Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 53 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 53 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 49Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 50Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 51Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 52Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 53Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 54Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 55Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 56Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 57Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
53 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
13. Analog characteristics
13.1 BOD
[1]
Interrupt levels are selected by writing the level value to the BOD control register BODCTRL.
[2]
Typical ratings are not guaranteed. The values listed are for room temperature (25
C), V
DD = 3.3 V, typical
samples.
13.2 Internal voltage reference
[1]
Characterized through simulation.
[2]
Characterized on a typical silicon sample.
Table 19.
BOD static characteristics[1]
Tamb =-40 C to +105 C.
Symbol
Parameter
Conditions
Typ[2]
Unit
Vth
threshold voltage
interrupt level 1
assertion
2.3
V
de-assertion
2.4
V
interrupt level 2
assertion
2.6
V
de-assertion
2.7
V
interrupt level 3
assertion
2.8
V
de-assertion
2.9
V
reset level 1
assertion
2.1
V
de-assertion
2.2
V
reset level 2
assertion
2.4
V
de-assertion
2.5
V
reset level 3
assertion
2.6
V
de-assertion
2.8
V
Table 20.
Internal voltage reference static and dynamic characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
VO
output voltage
Tamb = 40 C to +105 C
[1] 0.855
0.900
0.945
V
Tamb = 70 C to 105 C
[2] -0.906
-
V
Tamb = 50 C
[2] -0.905
-
V
Tamb = 25 C
[4] 0.893
0.903
0.913
V
Tamb = 0 C
[2] -0.902
-
V
Tamb = 20 C
[2] -0.899
-
V
Tamb = 40 C
[2] -0.896
-
V
ts(pu)
power-up
settling time
to 99% of VO
[3] -
155
195
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com