Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC81XM Datasheet(PDF) 35 Page - NXP Semiconductors

Part # LPC81XM
Description  32-bit ARM Cortex-M0 microcontroller; up to 16 kB flash and 4 kB SRAM
PDF  71 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC81XM Datasheet(HTML) 35 Page - NXP Semiconductors

Back Button LPC81XM_13 Datasheet HTML 31Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 32Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 33Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 34Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 35Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 36Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 37Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 38Page - NXP Semiconductors LPC81XM_13 Datasheet HTML 39Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 71 page
background image
LPC81xM
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2013. All rights reserved.
Product data sheet
Rev. 3 — 29 July 2013
35 of 71
NXP Semiconductors
LPC81xM
32-bit ARM Cortex-M0+ microcontroller
[6]
BOD disabled.
[7]
All peripherals disabled in the SYSAHBCLKCTRL register. Peripheral clocks to USART, CLKOUT, and IOCON disabled in system
configuration block.
[8]
IRC enabled; system oscillator disabled; system PLL enabled.
[9]
IRC disabled; system oscillator enabled; system PLL enabled.
[10] All oscillators and analog blocks turned off in the PDSLEEPCFG register; PDSLEEPCFG = 0x0000 18FF.
[11] WAKEUP pin pulled HIGH externally.
[12] Low-current mode PWR_LOW_CURRENT selected when running the set_power routine in the power profiles.
[13] Including voltage on outputs in tri-state mode.
[14] VDD supply voltage must be present.
[15] 3-state outputs go into tri-state mode in Deep power-down mode.
[16] Allowed as long as the current limit does not exceed the maximum current allowed by the device.
[17] Pull-up and pull-down currents are measured across the weak internal pull-up/pull-down resistors. See Figure 7.
[18] To VSS.
Fig 12. Pin input/output current measurement



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com