Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9467
Description  High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 4 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
CN-0227
Circuit Note
Rev. A | Page 4 of 5
In some cases, the filter design program may provide more than
one unique solution, especially with higher order filters. The
solution that uses the most reasonable set of component values
should always be chosen. Also, choose a configuration that ends
in a shunt capacitor so that it can be combined with the ADC
input capacitance.
Circuit Optimization Techniques and Trade-Offs
The parameters in this interface circuit are very interactive,
therefore, it is almost impossible to optimize the circuit for all
key specifications (bandwidth, bandwidth flatness, SNR, SFDR,
and gain). However, the peaking, which often occurs in the
bandwidth response, can be minimized by varying RA and RKB.
Notice in Figure 6 how the pass-band peaking is reduced as the
value of the output series resistance, RA, is increased. However,
as the value of this resistance increases, there is more signal
attenuation, and the amplifier must drive a larger signal to fill
the ADCs full-scale input range.
The value of RA also affects SNR performance. Larger values,
while reducing the bandwidth peaking, tend to slightly increase
the SNR because of the higher signal level required to drive the
ADC full scale.
Select the RKB series resistor on the ADC inputs to minimize
distortion caused by any residual charge injection from the
internal sampling capacitor within the ADC. Increasing this
resistor also tends to reduce bandwidth peaking.
However, increasing RKB increases signal attenuation, and the
amplifier must drive a larger signal to fill the ADC input range.
Another method for optimizing the pass-band flatness is to vary
the filter shunt capacitor, CAAF2, by a small amount.
Normally, the ADC input termination resistor, RTADC, is selected
to make the net ADC input impedance between 200 Ω and 400 Ω.
Making it lower reduces the effect of the ADC input capacitance
and may stabilize the filter design; however, increases the insertion
loss of the circuit. Increasing the value also reduces peaking.
–20
–15
–10
–5
0
5
1
10
100
1000
ANALOG INPUT FREQUENCY (MHz)
10Ω
15Ω
30Ω
Figure 6. Pass-Band Flatness Performance vs. Amplifier Output Series
Resistance, RA
Balancing these trade-offs can be somewhat difficult. In this
design, each parameter was given equal weight; therefore, the
values chosen are representative of the interface performance
for all the design characteristics. In some designs, different values
may be chosen to optimize SFDR, SNR, or input drive level,
depending on system requirements.
The SFDR performance in this design is determined by two
factors: the amplifier and ADC interface component values as
shown in Figure 1, and the setting of the internal front-end
buffer bias current in the AD9467 via an internal register. The
final SFDR performance numbers shown in Table 1 and Figure 4
were obtained after following the SFDR optimization described
in the AD9467 data sheet.
Another trade-off that can be made in this particular design is
the ADC full-scale setting. The full-scale ADC differential input
voltage was set for 2 V p-p for the data obtained with this design,
which optimizes SFDR. Changing the full-scale input range to
2.5 V p-p yields about 1.5 dB improvement in SNR but slightly
degrades the SFDR performance. The input range is set by the
value loaded into an internal register in the AD9467 as described in
the data sheet.
Note that the signal in this design is ac coupled with the 0.1 μF
capacitors to block the common-mode voltages between the
amplifier, its termination resistors, and the ADC inputs. Refer to
the AD9467 data sheet for further details regarding common-
mode voltages.
Passive Component and PC Board Parasitic
Considerations
The performance of this or any high speed circuit is highly
dependent on proper PCB layout. This includes, but is not
limited to, power supply bypassing, controlled impedance lines
(where required), component placement, signal routing, and
power and ground planes. See Tutorials MT-031 and MT-101 for
more detailed information regarding PCB layout for high speed
ADCs and amplifiers.
Use low parasitic surface-mount capacitors, inductors, and
resistors for the passive components in the filter. The inductors
chosen are from the Coilcraft 0603CS series. The surface mount
capacitors used in the filter are 5%, C0G, 0402-type for stability
and accuracy.
See the CN-0227 Design Support Package for complete
documentation on the system.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com