Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9467
Description  High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 2 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
CN-0227
Circuit Note
Rev. A | Page 2 of 5
An input signal of 6.0 dBm produces a full-scale 2 V p-p
differential signal at the ADC input.
The antialiasing filter is a third-order Butterworth filter designed
with a standard filter design program. A Butterworth filter was
chosen because of its flat response within the pass band. A third
order filter yields an ac noise bandwidth ratio of 1.05 and can be
designed with the aid of several free filter programs such as
Nuhertz Technologies Filter Free, or the Quite Universal Circuit
Simulator (Qucs) Free Simulation.
To achieve best performance, load the ADL5562 with a net
differential load of 200 Ω. The 15 Ω series resistors isolate the
filter capacitance from the amplifier output, and the 243 Ω resistors
in parallel with the downstream impedance yield a net load
impedance of 203 Ω when added to the 30 Ω series resistance.
The 20 Ω resistors in series with the ADC inputs isolate internal
switching transients from the filter and the amplifier. The 511 Ω
resistor in parallel with the ADC serves to reduce the input
impedance of the ADC for more predictable performance.
The third-order Butterworth filter was designed with a source
impedance of 38.6 Ω, a load impedance of 269 Ω, and a 3 dB
bandwidth of 180 MHz. The calculated values from the program
are shown in Figure 1. The values chosen for the filter passive
components were the closest standard values to those generated
by the program.
19.3Ω
19.3Ω
269Ω
12pF
35.79pF
23.83nH
23.83nH
Figure 2. Design for Third-Order Differential Butterworth Filter with
ZS = 38.6 Ω, ZL = 269 Ω, FC = 180 MHz
The internal 3.5 pF capacitance of the ADC was subtracted
from the value of the second shunt capacitor to yield a value of
32.29 pF. In the circuit, this capacitor was realized using two
62 pF capacitors connected to ground as shown in Figure 1.
This provides the same filtering effect and offers some ac
common-mode rejection.
The measured performance of the system is summarized in
Table 1, where the 3 dB bandwidth is 152 MHz. The total insertion
loss of the network is approximately 2 dB. The bandwidth response
is shown in Figure 3; the SNR and SFDR performance are
shown in Figure 4.
Table 1. Measured Performance of the Circuit
Performance Specs at 2 V p-p FS
Final Results
Cutoff Frequency (−3 dB)
152 MHz
Pass-Band Flatness (6 MHz to 125 MHz)
1 dB
SNRFS at 120 MHz
72.6 dBFS
SFDR at 120 MHz
82.2 dBc
H2/H3 at 120 MHz
86.6 dBc/82.2 dBc
Overall Gain at 10 MHz
3.9 dB
Input Drive at 10 MHz
6.0 dBm
–20
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
1
10
100
1000
ANALOG INPUT FREQUENCY (MHz)
−3dB AT 152MHz
Figure 3. Pass Band Flatness Performance vs. Frequency
60
65
70
75
80
85
90
95
100
0
20
40
60
80
100
120
140
160
180
ANALOG INPUT FREQUENCY (MHz)
SFDR (dBc)
SNRFS (dBFS)
Figure 4. SNR/SFDR Performance vs. Frequency



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com