Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 1 Page - Analog Devices

Part # AD9467
Description  High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 1 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Circuit Note
CN-0227
Devices Connected/Referenced
AD9467
16-Bit, 250 MSPS Analog-to-Digital
Converter
Circuits from the Lab™ reference circuits are engineered and
tested for quick and easy system integration to help solve today’s
analog, mixed-signal, and RF design challenges. For more
information and/or support, visit www.analog.com/CN0227.
ADL5562
3.3 GHz Ultralow Distortion RF/IF
Differential Amplifier
High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
Rev. A
Circuits from the Lab™ circuits from Analog Devices have been designed and built by Analog Devices
engineers. Standard engineering practices have been employed in the design and construction of
eachcircuit,andtheirfunctionandperformancehavebeentestedandverifiedinalabenvironmentat
room temperature. However, you are solely responsible for testing the circuit and determining its
suitabilityandapplicabilityforyouruseandapplication.Accordingly,innoeventshallAnalogDevices
be liable for direct, indirect, special, incidental, consequential or punitive damages due to any cause
whatsoeverconnectedtotheuseofanyCircuitsfromtheLabcircuits. (Continuedonlastpage)
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2011–2012 Analog Devices, Inc. All rights reserved.
EVALUATION AND DESIGN SUPPORT
Design and Integration Files
Schematics, Layout Files, Bill of Materials
CIRCUIT FUNCTION AND BENEFITS
The circuit, shown in Figure 1, is a wideband receiver front end
based on the ADL5562 ultralow noise differential amplifier driver
and the AD9467 16-bit, 250 MSPS analog-to-digital converter.
The third-order Butterworth antialiasing filter is optimized based
on the performance and interface requirements of the amplifier
and ADC. The total insertion loss due to the filter network and
other components is only 1.8 dB.
The overall circuit has a bandwidth of 152 MHz with a pass band
flatness of 1 dB. The SNR and SFDR measured with a 120 MHz
analog input are 72.6 dBFS and 82.2 dBc, respectively.
CIRCUIT DESCRIPTION
The circuit accepts a single-ended input and converts it to
differential using a wide bandwidth (3 GHz) M/A-COM
ECT1-1-13M 1:1 transformer. The ADL5562 3.3 GHz differential
amplifier has a differential input impedance of 400 Ω when
operating at a gain of 6 dB and 200 Ω when operating at a gain
of 12 dB. A gain option of 15.5 dB is also available.
The ADL5562 is an ideal driver for the AD9467, and the fully
differential architecture through the low-pass filter and into the
ADC provides good high frequency common-mode rejection,
as well as minimizes second-order distortion products. The
ADL5562 provides a gain of 6 dB or 12 dB depending on the input
connection. In the circuit, a gain of 6 dB was used to compensate
for the insertion loss of the filter network and transformer
(approximately 1.8 dB), providing an overall signal gain of 3.9 dB.
0.1µF
ADL5562
G = 6dB
3.5pF
530Ω
0.1µF
33Ω
33Ω
243Ω
0.1µF
0.1µF
XFMR
1:1 Z
ECT1-1-13M
ANALOG INPUT
+6.0dBm FS AT 10MHz
OVERALL GAIN = 3.9dB
INPUT
Z = 50Ω
INTERNAL
INPUT Z
AD9467
16-BIT
250MSPS
ADC
20Ω
20Ω
243Ω
511Ω
12pF
15Ω
15Ω
22nH
22nH
0.1µF
0.1µF
62pF
62pF
VIP2
VIN2
6Ω
6Ω
269Ω
38.6Ω
203Ω
+5V
+1.8V
VIP1
VIN1
ZI = 400Ω
+3.3V
1.2dB LOSS
0.5dB LOSS
1.7dB LOSS
5.7dB GAIN
FS = 2V p-p DIFF
FILTER
0.1dB LOSS
Figure 1. 16-Bit, 250 MSPS Wideband Receiver Front End (Simplified Schematic: All Connections and Decoupling Not Shown)
Gains, Losses, and Signal Levels Measured Values at 10 MHz


Similar Part No. - AD9467

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9467 AD-AD9467 Datasheet
301Kb / 6P
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
AD9467 AD-AD9467 Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
AD9467-200EBZ AD-AD9467-200EBZ Datasheet
985Kb / 34P
Analog-to-Digital Converter
Rev. D
More results

Similar Description - AD9467

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
AFE8406 TI-AFE8406 Datasheet
5Mb / 138P
14-Bit, 85 MSPS Dual ADC, 8-Channel Wideband Receiver
AFE8405 TI-AFE8405 Datasheet
3Mb / 152P
14-BIT, 85-MSPS, SINGLE-ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Analog Devices
AD9634 AD-AD9634 Datasheet
1Mb / 32P
12-Bit, 170 MSPS/210 MSPS/250 MSPS
REV. 0
AD9467 AD-AD9467 Datasheet
987Kb / 32P
16-Bit, 200 MSPS/250 MSPS Analog-to-Digital Converter
Rev. D
CN-0259 AD-CN-0259 Datasheet
158Kb / 5P
High Performance 65 MHz Bandwidth Quad IF Receiver with Antialiasing Filter and 184.32 MSPS Sampling Rate
REV. B
CN-0268 AD-CN-0268 Datasheet
301Kb / 6P
Resonant Approach to Designing a Band-Pass Filter for Narrow-Band, High IF, 16-Bit, 250 MSPS Receiver Front End
REV. 0
logo
Texas Instruments
AFE8406IZDQ TI-AFE8406IZDQ Datasheet
3Mb / 151P
14-BIT, 85 MSPS DUAL ADC, 8-CHANNEL WIDEBAND RECEIVER
logo
Analog Devices
AD9750 AD-AD9750_15 Datasheet
297Kb / 22P
10-Bit, 125 MSPS High Performance
REV. 0
AD9752 AD-AD9752_15 Datasheet
361Kb / 23P
12-Bit, 125 MSPS High Performance
REV. 0
logo
Faraday Technology
FL872 FARADAY-FL872 Datasheet
81Kb / 2P
ANTIALIASING FILTER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com