Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD9467 Datasheet(PDF) 3 Page - Analog Devices

Part # AD9467
Description  High Performance, 16-Bit, 250 MSPS Wideband Receiver with Antialiasing Filter
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9467 Datasheet(HTML) 3 Page - Analog Devices

  AD9467 Datasheet HTML 1Page - Analog Devices AD9467 Datasheet HTML 2Page - Analog Devices AD9467 Datasheet HTML 3Page - Analog Devices AD9467 Datasheet HTML 4Page - Analog Devices AD9467 Datasheet HTML 5Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Circuit Note
CN-0227
Rev. A | Page 3 of 5
0.1µF
GAIN
0.1µF
0.1µF
0.1µF
XFMR
1:1 Z
ECT1-1-13M
ANALOG INPUT
INPUT
Z = 50Ω
Z = 2RT ║ RI
ZAAFL = RTADC ║ (RADC + 2RKB)
ZAL = 2RA + (ZAAFL ║ 2RTAMP)
ZAAFS = 2RTAMP ║ (ZO + 2RA)
ADC
INTERNAL
INPUT Z
0.1µF
0.1µF
ZO/2
ZO/2
ZAL
ZAAFS
LAAF
LAAF
CAAF2
CAAF1
CAAF2
ZAAFL
RI
RTAMP
RT
RA
RKB
RKB
RT
RA
RTAMP
RTADC
RADC
CADC
FILTER
Figure 5. Generalized Differential Amplifier/ADC Interface with Low-Pass Filter
Filter and Interface Design Procedure
In this section, a general approach to the design of the amplifier/
ADC interface with filter is presented. To achieve optimum
performance (bandwidth, SNR, and SFDR), there are certain
design constraints placed on the general circuit by the amplifier
and the ADC:
1.
The amplifier should see the correct dc load recommended
by the data sheet for optimum performance.
2.
The correct amount of series resistance must be used between
the amplifier and the load presented by the filter. This is to
prevent undesired peaking in the pass band.
3.
The input to the ADC should be reduced by an external
parallel resistor, and the correct series resistance should be
used to isolate the ADC from the filter. This series resistor
also reduces peaking.
The generalized circuit shown in Figure 5 applies to most high
speed differential amplifier/ADC interfaces and will be used as
a basis for the discussion. This design approach will tend to
minimize the insertion loss of the filter by taking advantage of
the relatively high input impedance of most high speed ADCs
and the relatively low impedance of the driving source (amplifier).
The basic design process is as follows:
1.
Select the external ADC termination resistor RTADC so that
the parallel combination of RTADC and RADC is between 200 Ω
and 400 Ω.
2.
Select RKB based on experience and/or the ADC data sheet
recommendations, typically between 5 Ω and 36 Ω.
3.
Calculate the filter load impedance using:
ZAAFL = RTADC || (RADC + 2RKB)
4.
Select the amplifier external series resistor RA. Make RA less
than 10 Ω if the amplifier differential output impedance is
100 Ω to 200 Ω. Make RA between 5 Ω and 36 Ω if the output
impedance of the amplifier is 12 Ω or less.
5.
Select RTAMP so that the total load seen by the amplifier, ZAL,
is optimum for the particular differential amplifier chosen
using the equation:
ZAL = 2RA + (ZAAFL || 2RTAMP).
6.
Calculate the filter source resistance:
ZAAFS = 2RTAMP || (ZO + 2RA).
7.
Using a filter design program or tables design the filter
using the source and load impedances, ZAAFS and ZAAFL,
type of filter, bandwidth, and order. Use a bandwidth that
is about 40% higher than one-half the sampling rate to
ensure flatness in the frequency span between dc and fs/2.
8.
The internal ADC capacitance, CADC, should be subtracted
from the final shunt capacitor value generated by the
program. The program will give the value CSHUNT2 for the
differential shunt capacitor. The final common-mode
shunt capacitance is
CAAF2 = 2(CSHUNT2 − CADC).
After running these preliminary calculations, the circuit should
be given a quick review for the following items.
1.
The value of CAAF2 should be at least 10 pF so that it is several
times larger than CADC. This minimizes the sensitivity of
the filter to variations in CADC.
2.
The ratio of ZAAFL to ZAAFS should not be more than about 7 so
that the filter is within the limits of most filter tables and
design programs.
3.
The value of CAAF1 should be at least 5 pF to minimize
sensitivity to parasitic capacitance and component
variations.
4.
The inductor, LAAF, should be a reasonable value of at least
several nH.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com