Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # E39-R1S
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button E39-R1S Datasheet HTML 8Page - Omron Electronics LLC E39-R1S Datasheet HTML 9Page - Omron Electronics LLC E39-R1S Datasheet HTML 10Page - Omron Electronics LLC E39-R1S Datasheet HTML 11Page - Omron Electronics LLC E39-R1S Datasheet HTML 12Page - Omron Electronics LLC E39-R1S Datasheet HTML 13Page - Omron Electronics LLC E39-R1S Datasheet HTML 14Page - Omron Electronics LLC E39-R1S Datasheet HTML 15Page - Omron Electronics LLC E39-R1S Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
12
Heat & chemical resistant cable connectors
XS2F-_-E
Ordering information
Specifications
Pin arrangement
Materials
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
Heat and detergent
resistant
M12
SUS316L
Heat resistant
PVC
4 pin
straight
2
XS2F-E421-D80-E
5
XS2F-E421-G80-E
angled
2
XS2F-E422-D80-E
5
XS2F-E422-G80-E
Rated current
3A
Rated voltage
125 VDC, 250 VAC
Degree of protection
IP67 (IEC 60529); IP69k (DIN 40050 part 9)
Ambient temperature
-25°C to 105°C
M12 4 pin
1 = brown
2 = white
3 = blue
4 = black
5 = n.c.
Pin block
PBT (UL94V-0), light gray
Contacts
Phosphor bronze, nickel base, 0.4 µm gold plating
Fixture
SUS316L
Cover
TPEE (UL94V-0), black
O-ring
Rubber
34
21
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com