Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E39-R1S
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E39-R1S Datasheet HTML 30Page - Omron Electronics LLC E39-R1S Datasheet HTML 31Page - Omron Electronics LLC E39-R1S Datasheet HTML 32Page - Omron Electronics LLC E39-R1S Datasheet HTML 33Page - Omron Electronics LLC E39-R1S Datasheet HTML 34Page - Omron Electronics LLC E39-R1S Datasheet HTML 35Page - Omron Electronics LLC E39-R1S Datasheet HTML 36Page - Omron Electronics LLC E39-R1S Datasheet HTML 37Page - Omron Electronics LLC E39-R1S Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 35 / 38 page
background image
35
High
precision
ABS base
Acrylic
surface
Microtripel for improved
performance with fine
beam sensors
52x40x4.8
Recommended for fine
beam coaxial models
(E3C-LR, E3Z-LR, E3T-
SR4)
E39-R6
30x45
E39-R12
14x23x1
E39-R37-CA
12x24
E39-R13
Simple
mounting
ABS base
Acrylic
surface
Round shape with
centered mounting
hole for simple screw
mounting
Diameter: 84
Depth: 7.4
Photoelectric sensors with
and without M.S.R.*1
E39-R7
Snap
mounting
Snap mounting for fast
installation
Diameter: 30
Diameter of snap
mount tool: 5
Recommended for snap
mounting sensor E3FZ
E39-R49
Enhanced
detergent
resistance
PVC
Surface screw
mounting
IP69k after DIN 40050
part 9
40x60x7.5
Recommended for harsh
environment sensors
E39-R50
20x60x6
E39-R51
Highest
detergent
resistance
SUS316L
Borosilicat
Surface screw
mounting
43x30x5
E39-R16
Heat
resistant
Borosilicat
Surface screw mount-
ing
450°C heat resistance
Suitable for vacuum
environment
95x51x8
E39-R47
Non-fogging
reflector
ABS
Acrylic
surface
Anti-fogging coating
40x60x7.5
E39-R1K
Shape
Type
Housing
material
Features
Size in mm
Applicable Sensor
Order code
*1 Mirror Surface Rejection (MSR) is realized by using polarization filters



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com