Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E39-R1S
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 3 Page - Omron Electronics LLC

  E39-R1S Datasheet HTML 1Page - Omron Electronics LLC E39-R1S Datasheet HTML 2Page - Omron Electronics LLC E39-R1S Datasheet HTML 3Page - Omron Electronics LLC E39-R1S Datasheet HTML 4Page - Omron Electronics LLC E39-R1S Datasheet HTML 5Page - Omron Electronics LLC E39-R1S Datasheet HTML 6Page - Omron Electronics LLC E39-R1S Datasheet HTML 7Page - Omron Electronics LLC E39-R1S Datasheet HTML 8Page - Omron Electronics LLC E39-R1S Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 38 page
background image
3
General purpose connectors (M8/M12)
XS3F, XS2F
Ordering information
Note: M12 2-wire models are available for AC and DC applications.
Contact your Omron representative
Type
Size
Material
Features
Shape
Length
(m)
Order code
Nut
Cable
General purpose
M8
Brass
(Nickel plated)
PVC
3 pin
angled
2
XS3F-M8PVC3A2M
5
XS3F-M8PVC3A5M
straight
2
XS3F-M8PVC3S2M
5
XS3F-M8PVC3S5M
4 pin
angled
2
XS3F-M8PVC4A2M
5
XS3F-M8PVC4A5M
straight
2
XS3F-M8PVC4S2M
5
XS3F-M8PVC4S5M
M12
3 wire
angled
2
XS2F-M12PVC3A2M
5
XS2F-M12PVC3A5M
straight
2
XS2F-M12PVC3S2M
5
XS2F-M12PVC3S5M
4 wire
angled
2
XS2F-M12PVC4A2M
5
XS2F-M12PVC4A5M
straight
2
XS2F-M12PVC4S2M
5
XS2F-M12PVC4S5M
5 wire
angled
2
XS2F-M12PVC5A2M
5
XS2F-M12PVC5A5M
straight
2
XS2F-M12PVC5S2M
5
XS2F-M12PVC5S5M
M8
PUR
3 pin
angled
2
XS3F-M8PUR3A2M
5
XS3F-M8PUR3A5M
straight
2
XS3F-M8PUR3S2M
5
XS3F-M8PUR3S5M
4 pin
angled
2
XS3F-M8PUR4A2M
5
XS3F-M8PUR4A5M
straight
2
XS3F-M8PUR4S2M
5
XS3F-M8PUR4S5M
M12
3 wire
angled
2
XS2F-M12PUR3A2M
5
XS2F-M12PUR3A5M
straight
2
XS2F-M12PUR3S2M
5
XS2F-M12PUR3S5M
4 wire
angled
2
XS2F-M12PUR4A2M
5
XS2F-M12PUR4A5M
straight
2
XS2F-M12PUR4S2M
5
XS2F-M12PUR4S5M
5 wire
angled
2
XS2F-M12PUR5A2M
5
XS2F-M12PUR5A5M
straight
2
XS2F-M12PUR5S2M
5
XS2F-M12PUR5S5M



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com