Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R1S Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # E39-R1S
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R1S Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button E39-R1S Datasheet HTML 30Page - Omron Electronics LLC E39-R1S Datasheet HTML 31Page - Omron Electronics LLC E39-R1S Datasheet HTML 32Page - Omron Electronics LLC E39-R1S Datasheet HTML 33Page - Omron Electronics LLC E39-R1S Datasheet HTML 34Page - Omron Electronics LLC E39-R1S Datasheet HTML 35Page - Omron Electronics LLC E39-R1S Datasheet HTML 36Page - Omron Electronics LLC E39-R1S Datasheet HTML 37Page - Omron Electronics LLC E39-R1S Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
37
Dimensions
E39-R7
E39-R40
E39-R8
E39-R1S
E39-R1K *
34
40.3
52
59.9
2.7
8
1.6
7.5
7
Two, 3.5 dia.
Material, reflective
surface: acrylic
Rear surface: ABS
*E39-R1 only
Coating on reflective surface
E39-R9
42.3
#30.9
15
25
35.4
8
3.5
5.5
8
(21)
4
Two, 3.6 dia.
Material, reflective surface: acrylic
Rear surface: ABS
E39-R42
4.5
4.5
84
84
7.4
7.4
for M3
8.7
84.5
84.5
77
77
ffor M3
or M3
9
9
100
100
100
100
92
92
92
92
E39-R3
29
4.5
6
R20
3.4
7
18.45
22.9
11
20
0.2
0.2
16
22.5
19.3
34
38
34.8
2-M3
41.8
10.1
1.2
25.4
R25.4
3.4
10˚
1.2
2.6
Stainless steel
(SUS304)
Adhesive tape side
Two, 3.2 dia.
13.7
14˚
3.4
Material, reflective
surface: acrylic
Rear surface: ABS
E39-R4
13.7
9.7
2
4
23
19
Two, 2.2 dia.
1.4
4.9
4
2
Material:
Reflective surface:
acrylic
Rear surface: ABS
E39-R6
40
34
40
52
3.5
3.5
4.8
Material, reflective
surface: acrylic
Rear surface: ABS
E39-R37-CA
10.2
8.7
(1.1)
13.7
13.7
8-R1
18.3
23
18.3
23
2-R1.55
Mounting
bracket: t 0.5
Two, 3.1 dia.
Reflector: t0.6
(adhesive tape side)
Reflector
Mounting bracket
Material:
Mounting plate: stainless steel (SUS301)
Reflective surface: acrylic
Note: The reflective plate and mounting plate (1) come as a set.
24 17.2
12
E39-R12/-R14
45 37
30
E39-R13
72
63.6
80
44
Two, 3.5-dia.
Reflective surface
3
8.5
0.2
E39-RP1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com