Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 15 Page - Omron Electronics LLC

Part # E39-R3
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 15 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 11Page - Omron Electronics LLC E39-R3 Datasheet HTML 12Page - Omron Electronics LLC E39-R3 Datasheet HTML 13Page - Omron Electronics LLC E39-R3 Datasheet HTML 14Page - Omron Electronics LLC E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 38 page
background image
15
Confectionable plugs and connectors (self-assembly)
XS2C, XS2G, Y92E-_-conf
Ordering information
Specifications
Pin arrangement
Materials
Type
Size
Material Nut
Features
Shape
Order code
Plug (male)
M8
Polyester
elastomer
3 pin
straight
Y92E-MM08PVC3Sconf-L
4 pin
Y92E-MM08PVC4Sconf-L
M12
4 pin
crimp
straight
XS2G-D4C3
solder
XS2G-D423
solder
angled
XS2G-D424
5 pin
screw fix
straight
XS2G-D5S1
angled
XS2G-D5S2
4 pin twist &
click
(for 4-5mm
cables)
screw fix
straight
XS2G-D4S3
angled
XS2G-D4S4
Connector (female)
M8
3 pin
straight
Y92E-M08PVC3Sconf-L
4 pin
Y92E-M08PVC4Sconf-L
M12
4 pin
crimp
straight
XS2C-D4C3
solder
XS2C-D423
crimp
angled
XS2C-D4C4
solder
XS2C-D424
5 pin
screw fix
straight
XS2C-D5S1
angled
XS2C-D5S2
Y92E
XS2G, XS2C
Rated current
4A
Rated voltage
36 VDC
125 VDC, 250 VAC
Degree of protection
IP67 (IEC60529)
Ambient temperature
-25°C to 70°C
M8
M12
Plug
Connectors
Plug
Connectors
4 pin
4 pin
4 pin
5 pin
4 pin
5 pin
4 pin: 1 = brown
2 = white
3 = blue
4 = black
5 = n.c.
5 pin: 1 = brown
2 = white
3 = blue
4 = black
5 = green / yellow
Y92E
XS2G, XS2C
Pin block
PVC
PBT resin (UL94V-0)
Contacts
CuSn, nickel base, 0.3 µm gold plating
Brass/nickel base, 0.4 µm gold plating
Fixture
Brass/nickel base
Cover
PVC
PBT resin (UL94V-0)
O-ring
FKM
Rubber
13
24
31
42
4
3
12
4
3
12
5
34
21
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com