Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 29 Page - Omron Electronics LLC

Part # E39-R3
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 29 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 25Page - Omron Electronics LLC E39-R3 Datasheet HTML 26Page - Omron Electronics LLC E39-R3 Datasheet HTML 27Page - Omron Electronics LLC E39-R3 Datasheet HTML 28Page - Omron Electronics LLC E39-R3 Datasheet HTML 29Page - Omron Electronics LLC E39-R3 Datasheet HTML 30Page - Omron Electronics LLC E39-R3 Datasheet HTML 31Page - Omron Electronics LLC E39-R3 Datasheet HTML 32Page - Omron Electronics LLC E39-R3 Datasheet HTML 33Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 38 page
background image
29
Slit, filters and other accessories
Shape
Type
Features
Mounting type
Applicable
Sensors
Order code
Precision detec-
tion slit cover
- slit width from dia 0.5 mm for min ob-
ject size detection of dia 0.2 mm
snap on
E3Z-T
E39-S65
E3T-
@T
-E39-S63
-E39-S64
Mutual interfe-
rence prevention
polarizing filter for close mounting
of multiple sensors through beam sen-
sors
E3Z-T
@A
E39-E11
Adjustment aid
adjustment aid for sensitivity adjust-
ment
E3T-ST1
E39-E10
photo electric sen-
sors with adjusta-
ble potentiometers
E39-G2
0.2
1
4.9
10.8
7.4
11.2
31.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com