Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 19 Page - Omron Electronics LLC

Part # E39-R3
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 19 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 15Page - Omron Electronics LLC E39-R3 Datasheet HTML 16Page - Omron Electronics LLC E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC E39-R3 Datasheet HTML 22Page - Omron Electronics LLC E39-R3 Datasheet HTML 23Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
19
Fiber amplifier connectors
E3X-CN
Ordering information
Specifications
Materials
Pin arrangement
Type
Size
Features
Order code
Fiber amplifier connector
Special connector 17,8x10x15,1
4 wire; 2 m PVC cable
E3X-CN21
3 wire; 2 m PVC cable
E3X-CN11
2 wire slave cable; 2 m PVC
E3X-CN22*1
*1 Slave connectors can be used to reduce wiring effort. The setup requires 1 master amplifier with the slave amplifiers directly mounted attached. The power supply
is then provided by the master amplifier via the clipped on slave connectors. For 4-wire masters use 2-wire slaves and for 3-wire masters 1-wire slaves.
1 wire slave cable; 2 m PVC
E3X-CN12*1
M8 4-pin plug with 30 cm PVC cable
E3X-CN21-M3J-2 0.3M
M12 4-pin plug with 30 cm PVC cable
E3X-CN21-M1J 0.3M
Rated current
2.5 A
Rated voltage
50V
Degree of protection
IP50 (EC 60529)
Ambient temperature
Groups of 1 or 2 amplifiers: -25 to 55°C
Groups of 3 to 10 amplifiers: -25 to 50°C
Groups of 11 to 16 amplifiers: -25 to 45°C
Housing
Polybuthylene terephthalate (PBT)
Contacts
Phosphor bronze/ gold plated/ nickel
M8
M12
Connector Cable colour
1brown
+
2
orange/white
Output 2 or
ext. input
3blue
–
4
black
Output 1
pink
Ext. Input
31
42
3
4
21



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com