Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E39-R3 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # E39-R3
Description  Sensor connectors, reflectors, mounting brackets, accessories
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E39-R3 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button E39-R3 Datasheet HTML 17Page - Omron Electronics LLC E39-R3 Datasheet HTML 18Page - Omron Electronics LLC E39-R3 Datasheet HTML 19Page - Omron Electronics LLC E39-R3 Datasheet HTML 20Page - Omron Electronics LLC E39-R3 Datasheet HTML 21Page - Omron Electronics LLC E39-R3 Datasheet HTML 22Page - Omron Electronics LLC E39-R3 Datasheet HTML 23Page - Omron Electronics LLC E39-R3 Datasheet HTML 24Page - Omron Electronics LLC E39-R3 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
21
Photomicrosensor connectors
EE-1
Ordering information
Specifications
Material
Pin arrangement
Note: For the connector EE-1001-1 the pins 1(+) and 2 (L) are short circuited
Type
Size
Features
Applicable sensors
Ordercode
Pin connector for soldering
13x4x10.8
For dark on
EE-SX47/67
EE-1001
For light on
EE-1001-1
Cable connector
13x4x13.5
standard cable
EE-1010 2M
robotic cable
EE-1010-R 2M
10x5.8x8
standard cable
EE-SX97
EE-1017 1M
robotic cable
EE-1017-R 1M
Cable connector for EE-SX91
pigtail versions
10x5.8x8
robotic cable
EE-SX91
EE-1016-R
Rated voltage
5 to 24 VDC
Degree of protection
IP50 (IEC 60529)
Ambient temperature range
operating: -25 to 55°C
storage:
-30 to 80°C
EE-1001
EE-1010/EE-1016
EE-1017
Housing
Nylon
Contacts
Phosphor bronze
Cable
–
PVC 2 m
PVC 1 m
(3 m are available on request)
EE-1001, EE-1010
EE-1016
EE-1017
1
+Brown
+Brown
+Brown
2
L
Pink
output 2
White
1
Black
3
out
Black
–
Blue
2
White
4
–
Blue
output 1
Black
–
Blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com