Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A13 Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # B7A-R6A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A13 Datasheet(HTML) 1 Page - Omron Electronics LLC

  B7A-R6A13 Datasheet HTML 1Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 2Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 3Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 4Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ORDERING GUIDE
PRODUCT PERFORMANCE
STANDARDS
OMRON devices that comply with EC Directives
also conform to the related EMC standards so
that they can be more easily built into other
devices or the overall machine. The actual
products have been checked for conformity to
EMC standards (see the following note). Whether
the products conform to the standards in the
system used by the customer, however, must be
confirmed by the customer.
EMC-related performance of the OMRON devices
that comply with EC Directives will vary
depending on the configuration, wiring, and other
conditions of the equipment or control panel on
which the OMRON devices are installed. The
customer must, therefore, perform the final
check to confirm that devices and the overall
machine conform to EMC standards.
Applicable EMC Standards
EMS (Electromagnetic Susceptibility): EN61131-2
EMI (Electromagnetic Interference): EN50081-2
(Radiated emission: 10-m regulations)
OMRON Power Supply Modules and I/O Modules
have been determined safe when operating at
voltages of 50 to 1,000 VAC and 75 to 1,500 VDC
according to the safety standards in EN61131-2.
Standards Description
U = UL, Underwriters Laboratories, Inc.
C = CSA, Canadian Standards Association
CE = CE, CE Marking
N = Nemko, Norges Elektriske Materiellkontroll
L = Lloyd’s Register of shipping
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages
of this ordering guide).
CPU Rack . . . . . . . . . . . . . . . . . . . . . . . . . . 147
Expansion Racks . . . . . . . . . . . . . . . . . . . . 148
C200H Basic I/O Modules . . . . . . . . . . . . . . 149
B7A Terminals
Link Master Adapters for High-density
I/O PLC Modules
C200H High-density I/O Modules . . . . . . . . 153
Connectors for C200H High-density I/O Modules
C200H Group-2 High-density
I/O Modules . . . . . . . . . . . . . . . . . . . . . . . . 154
Connectors for C200H Group-2
High-density I/O Modules
CS1 High-density I/O Modules . . . . . . . . . . 155
Connectors for CS1 High-density I/O Modules
High-density I/O Screw Terminal Blocks
and Cables . . . . . . . . . . . . . . . . . . . . . . . . . 156
Screw Terminal Block and Cables
High-density I/O Relay Blocks, Bases
and Dedicated Cables . . . . . . . . . . . . . . . . . 157
G7TC Relay Blocks
P7TF Block Bases and I/O Relays
Accessories
Relay Output Blocks
Relay Terminal Block Bases
Relays for use with G70A Bases
Dedicated Connecting Cable for Omron PLC Modules
C200H Special I/O Modules . . . . . . . . . . . . 160
CS1 Special I/O Modules . . . . . . . . . . . . . . 165
CS1/C200H Non-compatible Modules . . . . . 167
Modules not compatible with CS1 Controllers
or Systems
CS1 Communications and
Network Modules . . . . . . . . . . . . . . . . . . . . 168
Communications and Network Modules
Fiber-Optic Cables and Connectors for
Controller Link
DeviceNet Products . . . . . . . . . . . . . . . . . . 169
DeviceNet Multiple I/O Terminal Modules . 170
DeviceNet Communications Module
Digital I/O Modules
Relay Output Modules
Analog I/O Modules
Counter Module
CompoBus/S Slave Modules . . . . . . . . . . . . 171
Long Distance CompoBus/S
Slave Modules (NEW!) . . . . . . . . . . . . . . . . 172
Optional Products . . . . . . . . . . . . . . . . . . . . 173
Module Accessories
Mounting Rails and Accessories
Current Consumption Tables . . . . . . . . . . . . 174
CPU Racks and Expansion Racks
SYSMAC BUS Slave Racks
Example Calculations
5 VDC Voltage Group . . . . . . . . . . . . . . . . . . . . .176
Basic I/O Modules
High-density I/O Modules (Special I/O)
Special I/O Modules
CS1 CPU BUS Modules
26 VDC Modules . . . . . . . . . . . . . . . . . . . . . . . .181
Ordering Guide
System Overview
CPU Overview
Basic System Configuration
I/O Types and Allocations
Modules
Peripheral Hardware
and Software
Instruction Set
Reference Information


Similar Part No. - B7A-R6A13

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B7A OMRON-B7A Datasheet
1Mb / 121P
Wiring-reduction Units
B7AH OMRON-B7AH Datasheet
1Mb / 121P
Wiring-reduction Units
B7AH-R6D53 OMRON-B7AH-R6D53 Datasheet
1Mb / 121P
Wiring-reduction Units
B7AH-R6D58 OMRON-B7AH-R6D58 Datasheet
1Mb / 121P
Wiring-reduction Units
B7AH-T6D3 OMRON-B7AH-T6D3 Datasheet
1Mb / 121P
Wiring-reduction Units
More results

Similar Description - B7A-R6A13

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
C4_INPUT CRYDOM-C4_INPUT Datasheet
1Mb / 4P
I/O Modules
C4_OUTPUT CRYDOM-C4_OUTPUT Datasheet
1Mb / 4P
I/O Modules
M_INPUT CRYDOM-M_INPUT Datasheet
456Kb / 4P
I/O Modules
PB4 CRYDOM-PB4 Datasheet
350Kb / 3P
I/O Modules
PB4H CRYDOM-PB4H Datasheet
354Kb / 3P
I/O Modules
logo
Omron Electronics LLC
XW2Z-050J-A14 OMRON-XW2Z-050J-A14 Datasheet
344Kb / 15P
CJ1 Ordering Guide
logo
Crydom Inc.,
PB-8M CRYDOM-PB-8M Datasheet
1Mb / 3P
I/O Modules
logo
List of Unclassifed Man...
C200H-AD001 ETC1-C200H-AD001 Datasheet
287Kb / 61P
SYSMAC C200H-AD001/DA001 Analog I/O Units
logo
Balluff Korea Ltd.
BNI00F4 BALLUFF-BNI00F4 Datasheet
132Kb / 2P
I/O modules
BNI0041 BALLUFF-BNI0041 Datasheet
118Kb / 2P
I/O modules
0.46_2021-08-25
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com