Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A13 Datasheet(PDF) 34 Page - Omron Electronics LLC

Part # B7A-R6A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A13 Datasheet(HTML) 34 Page - Omron Electronics LLC

Back Button B7A-R6A13 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 33Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 34Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 35Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 36Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 37Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
CS1 Ordering Guide
4:;
Current Consumption Tables
5 VDC Voltage Group — High-density I/O Modules (Special I/O Modules)
Item
Description
Consumption (A)
Part number
C200H High-density I/O Modules
(S
i l I/O M d l
)
DC Input Module
0.13
C200H-ID215
g
y
(Special I/O Modules)
TTL Input Module
0.13
C200H-ID501
Transistor Output Module
0.22
C200H-OD215
TTL Output Module
0.22
C200H-OD501
TTL I/O Module
0.18
C200H-MD501
DC Input/Transistor Output Module
0.18
C200H-MD215
0.18
C200H-MD115



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com