Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A13 Datasheet(PDF) 12 Page - Omron Electronics LLC

Part # B7A-R6A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A13 Datasheet(HTML) 12 Page - Omron Electronics LLC

Back Button B7A-R6A13 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 9Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 10Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 11Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 12Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 13Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 14Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 16Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 38 page
background image
CS1 Ordering Guide
489
High-density I/O Screw Terminal Blocks and Cables
Screw Terminal Blocks and Cables
Item/Description
Part number
Appearance
Applicable terminal block
Cable length
Single Cable for
32 pt I/O Modules
XW2B-20G5
XW2B 20G4
0.5 m (1.64 ft)
XW2Z-050A
g
32-pt I/O Modules
XW2B-20G4
XW2B-20G5-T
1 m (3.28 ft)
XW2Z-100A
XW2B-20G5-T
XW2B-20G5-D
XW2C 20G5 IN16
1.5 m (4.92 ft)
XW2Z-150A
XW2C-20G5-IN16
2 m (6.56 ft)
XW2Z-200A
3 m (9.84 ft)
XW2Z-300A
5 m (16.40 ft)
XW2Z-500A
Single cable for
32- and 64-pt I/O Modules
XW2B-40G5
XW2B-40G4
0.5 m (1.64 ft)
XW2Z-050B
32-and 64-pt I/O Modules
XW2B-40G4
1 m (3.28 ft)
XW2Z-100B
1.5 m (4.92 ft)
XW2Z-150B
2 m (6.56 ft)
XW2Z-200B
3 m (9.84 ft)
XW2Z-300B
5 m (16.40 ft)
XW2Z-500B
Single Cable for CS1W
High-density I/O Modules
XW2B-60G5
XW2B-60G4
1 m (3.28 ft)
XW2Z-100H--1
High density I/O Modules
XW2B-60G4
2 m (6.56 ft)
XW2Z-200H--1
3 m (9.84 ft)
XW2Z-300H--1
5 m (16.40 ft)
XW2Z-500H-1
Bifurcated Cable for
32- and 64-pt I/O Modules
XW2C-20G5-IN16
1 m (3.28 ft) and 0.75 m (2.46 ft)
XW2Z-100D
32-and 64-pt I/O Modules
1.5 m (4.92 ft) and 1.25 m (4.10 ft)
XW2Z-150D
2 m (6.56 ft) and 1.75 m (5.74 ft)
XW2Z-200D
3 m (9.84 ft) and 2.75 m (9.02 ft)
XW2Z-300D
5 m (16.40 ft) and 4.75 m (15.58 ft)
XW2Z-500D
Bifurcated Cable for
CS1W High-density I/O Modules
XW2B-40G5
XW2B-20G5
1 m (3.28 ft) and 1 m (3.28 ft)
XW2Z-100H-2
CS1W High-density I/O Modules
XW2B-20G5
2 m (6.56 ft) and 2 m (6.56 ft)
XW2Z-200H-2
3 m (9.84 ft) and 3 m (6.56 ft)
XW2Z-300H-2
5 m (16.40 ft) and 5 m (16.40 ft)
XW2Z-500H-2
96-pt connector Cable for
CS1W I/O Modules (1:3)
Three XW2B-20G5
1 m (3.28 ft) and 0.75 m (2.45 ft) and 1 m (3.28 ft)
XW2Z-100H-3
CS1W I/O Modules (1:3)
2 m (6.56 ft) and 1.75 m (5.74 ft) and 2 m (6.56 ft)
XW2Z-200H-3
3 m (9.84 ft) and 2.75 m (9.02 ft) and 3 m (9.84 ft)
XW2Z-300H-3
5 m (16.40 ft) and 4.75 m (15.58 ft) and
5 m (16.40 ft)
XW2Z-500H-3
Single Cable
terminated with crimp hooks
XW2B-20G5
XW2B 20G4
1 m (3.28 ft)
XW2Z-100F
g
terminated with crimp hooks
(for 8-pt or 16-pt modules)
XW2B-20G4
1.5 m (4.92 ft)
XW2Z-150F
(for 8- t or 16- t modules)
2 m (6.56 ft)
XW2Z-200F
3 m (9.84 ft)
XW2Z-300F
5 m (16.40 ft)
XW2Z-500F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com