Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A13 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # B7A-R6A13
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A13 Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button B7A-R6A13 Datasheet HTML 2Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 3Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 4Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 5Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 6Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 7Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 8Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 9Page - Omron Electronics LLC B7A-R6A13 Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 38 page
background image
CS1 Ordering Guide
483
C200H Basic I/O Modules
Item
Description
Mountable racks
Bits allo-
t d
Standards
Part number
CPU
rack
C200H
expansion
I/O racks
CS1 ex-
pansion
racks
SYSMAC
BUS
slave
racks
cated
(CIO 0000
to
CIO 0319)
Transistor
Output
M d l
12 to 48 VDC, 1 A,
8 sinking outputs
Yes
Yes
Yes
Yes
16
U, C, N, L, CE
C200H-OD411
Modules
24 VDC, 2.1 A,
8 sinking outputs
Yes
Yes
Yes
Yes
16
C200H-OD213
24 VDC, 0.8 A, 8 sourcing
outputs, load short-circuit
protection.
Yes
Yes
Yes
Yes
16
U, C, N, L
C200H-OD214
5to24VDC, 0.3A,
8 sourcing outputs
Yes
Yes
Yes
Yes
16
C200H-OD216
5to24VDC, 0.3A,
12 sinking outputs
Yes
Yes
Yes
Yes
16
U, C, N, L, CE
C200H-OD211
24 VDC, 0.3 A,
12 sourcing outputs
Yes
Yes
Yes
Yes
16
C200H-OD217
24 VDC, 0.3 A, 16 sinking
outputs
Yes
Yes
Yes
Yes
16
C200H-OD212
24 VDC, 1 A, 16 sourcing
outputs, load short-circuit
protection.
Yes
Yes
Yes
Yes
16
CE, U
C200H-OD21A
B7A Output
Modules
16 outputs
Yes
Yes
Yes
Yes
16
U, C, CE
C200H-B7AO1
32 outputs
(C200H group-2 Module)
Yes
Yes
Yes
No
32
U, C
C200H-B7A02
B7A Mixed I/O
Modules
16 inputs, 16 outputs
(C200H group-2 Module)
Yes
Yes
Yes
No
32
U, C
C200H-B7A21
32 inputs, 32 outputs
(C200H group-2 Module)
Yes
Yes
Yes
No
64
U, C
C200H-B7A22
Triac Output
M d l
120 VAC, 1.2 A, 8 outputs
Yes
Yes
Yes
Yes
8
CE
C200H-OA122E
Module
250 VAC, 1.0 A, 8 outputs
Yes
Yes
Yes
Yes
16
CE
C200H-OA221
250 VAC, 1.2 A, 8 outputs
Yes
Yes
Yes
Yes
16
CE
C200H-OA223
250 VAC, 0.3 A, 12 outputs
Yes
Yes
Yes
Yes
16
CE, U
C200H-OA222
250 VAC, 0.5 A, 12 outputs
Yes
Yes
Yes
Yes
16
U, C, N, L
C200H-OA224
Analog
Timer
Module
4-point timer
Yes
Yes
Yes
Yes
16
U, C
C200H-TM001
External variable resistor
connector
C4K-CN223
Special Note: For current consumption, refer to
Current Consumption Tables (the last 6 pages of this ordering guide).
Note:
The C200H-ID001 (no-voltage contacts, 8 inputs, NPN) and C200H-ID002 (no-voltage contacts, 8 inputs, PNP) cannot be used. (As a general reference, see
the Non-compatible Models section within this Ordering Guide.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com