Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A38 Datasheet(PDF) 14 Page - Omron Electronics LLC

Part # B7A-R6A38
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A38 Datasheet(HTML) 14 Page - Omron Electronics LLC

Back Button B7A-R6A38 Datasheet HTML 10Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 11Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 12Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 13Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 14Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 15Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 16Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 18Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
CS1 Ordering Guide
48;
High-density I/O Relay Blocks, Bases and Dedicated Cables
G70A Relay Terminal Block Bases
Relays not included. Order below.
Item/Description
Part number
Classification
PLC Module
Internal I/O circuit
Rated voltage
Output
C200H-MD215 (16/16)
C200H-OD215 (32)
C200H-OD218 (32)
C200H-OD219 (64)
C200H-OD212 (16)
NPN (+ common)
24 VDC
G70A-ZOC16-3-DC24V
C200H-OD214 (8 PNP)
C200H-OD217 (12 PNP)
PNP (-- common)
24 VDC
G70A-ZOC16-4-DC24V
Input
C200H-ID215 (32)
C200H-MD215 (16/16)
C200H-ID216 (32)
C200H-ID217 (64)
C200H-ID212 (16)
NPN/PNP
110 VDC max.,
240 VAC max.
(See Note.)
G70A-ZIM16-5-DC24V
Note:
Each relay to be mounted must incorporate a coil that has proper specifications within the maximum rated voltage range.
Relays for Use with G70A Bases
Item
Part number
Classification
I/O Block Base
PCB Relay
Solid State Relay
Output
NPN: G70A-ZOC16-3-DC24V
PNP: G70A-ZOC16-4-DC24V
G2R-1-SND-DC24
G2R-1-SND-DC12
G3R-OA202SZN DC5-24
G3R-ODX02SN DC5-24
G3R-OD201SN DC5-24
Input
G70A-ZIM16-5-DC24V
G2R-1A3-SND-DC24V
G2R-13-SND-DC24V
G3R-IAZR1SN AC100-240
G3R-IDZR1SN DC12-24
G3R-IDZR1SN DC5
G70D Relay Output Blocks
Item/Description
Part number
Appearance
Output points
Rated
voltage
Output type
Internal I/O circuit
common
16 points
(SPST--NO x 16)
24 VDC
Relay outputs
NPN (+ common)
G70D-SOC16 DC24
(SPST NO x 16)
includes relay pulling
tool.
PNP (-- common)
G70D-SOC16-1 DC24
Power MOSFET
relay outputs
NPN (+ common)
G70D-FOM16
relay out uts
PNP (-- common)
G70D-FOM16-1 DC24
16 points
(SPST--NO x 16)
24 VDC
Relay outputs
NPN (+ common)
G70D-VSOC16
Power MOSFET
relay outputs
NPN (+ common)
G70D-VFOM16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com