Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A38 Datasheet(PDF) 37 Page - Omron Electronics LLC

Part # B7A-R6A38
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A38 Datasheet(HTML) 37 Page - Omron Electronics LLC

Back Button B7A-R6A38 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 33Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 34Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 35Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 36Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 37Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 38Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 37 / 38 page
background image
CS1 Ordering Guide
4;4
Current Consumption Tables
CS1 CPU Bus Modules
Item
Description
Consumption (A)
Part number
CS1 CPU Bus Modules
Controller Link Modules
0.35
CS1W-CLK21
0.50
CS1W-CLK11
Serial Communications Module
0.30 (See Note.)
CS1W-SCU21
Ethernet Module
0.40
CS1W-ETN01
Note:
Add 0.15 A per port when the NT-AL001-E is connected.
26 VDC Modules
Item
Description
Consumption (A)
Part number
C200H Output Modules
Relay Output Modules
0.075 for 8 points ON at the same
ti
C200H-OC221
y
time
C200H-OC222
C200H-OC223
C200H-OC224
C200H-OC225
0.09 for 8 points ON at the same time
C200H-OC222V
C200H-OC226
C200H-OC224V
Transistor Output Modules
0.075 for 8 points ON at the same
ti
C200H-OD216
time
C200H-OD217
C200H Special I/O Modules
Analog Input Module
0.10
C200H-AD003
Analog Output Modules
0.20
C200H-DA003
g
0.25
C200H-DA004
Analog Mixed I/O Module
0.20
C200H-MAD01
RFID Controller Modules
0.12
C200H-IDS01-V1
0.12
C200H-IDS21
CS1 Special I/O Modules
Analog Mixed I/O Module
0.20
CS1W-MAD44
Analog Input Modules
0.13 A at 5 VDC
0.1 A at 26 VDC
CS1W-AD041
0.13 A at 5 VDC
0.1 A at 26 VDC
CS1W-AD081
Analog Output Modules
0.13 A at 5 VDC
0.18 A at 26 VDC
CS1W-DA041
0.13 A at 5 VDC
0.18 A at 26 VDC
CS1W-DA08V
0.13 A at 26 VDC
0.25 A at 26 VDC
CS1W-DA08C
Motion Control Modules
0.6 A (add 0.2 A with Teach Box)
CS1W-MC221
0.7 A (add 0.3 A with Teach Box)
CS1W-MC421



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com