Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A38 Datasheet(PDF) 31 Page - Omron Electronics LLC

Part # B7A-R6A38
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A38 Datasheet(HTML) 31 Page - Omron Electronics LLC

Back Button B7A-R6A38 Datasheet HTML 27Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 28Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 29Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 30Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 31Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 32Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 33Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 34Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 35Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
CS1 Ordering Guide
4:8
Current Consumption Tables
Example Calculations
Example 1
In this example, the following Modules are mounted to a CPU Rack with a C200HW-PA204S Power Supply.
Item
Part number
Quantity
5-VDC
26-VDC
24-VDC
CPU Rack (8 slots)
CS1W-BC083
1
0.11 A
—
—
CPU
CS1H-CPU67-E
1
1.10 A
—
—
Input Modules
C200H-ID216
2
0.10 A
—
—
CS1W-ID291
2
0.20 A
—
—
Output Modules
C200H-OC221
2
0.01 A
0.075 A
—
Special I/O Modules
C200H-NC213
1
0.30 A
—
—
CS1 CPU Bus Module
CS1W-CLK21
1
0.40 A
—
—
Service Power Supply (24 VDC)
0.3 A used
—
—
0.3 A
Total current/power consumption
13.15 + 3.9 + 7.2 = 24.25 (
≤30 W)
2.63 A (
≤4.6) x 5 V =
13.15W
0.15 A
〈≤0.6A) x 26 V =
3.9 W
0.3 A
〈≤0.8A) x 24 V =
7.2 W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com