Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B7A-R6A38 Datasheet(PDF) 21 Page - Omron Electronics LLC

Part # B7A-R6A38
Description  CS1 Ordering Guide C200H Basic I/O Modules
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

B7A-R6A38 Datasheet(HTML) 21 Page - Omron Electronics LLC

Back Button B7A-R6A38 Datasheet HTML 17Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 18Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 19Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 20Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 21Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 22Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 23Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 24Page - Omron Electronics LLC B7A-R6A38 Datasheet HTML 25Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
CS1 Ordering Guide
498
CS1 Special I/O Modules
CS1 Motion Control Modules
Item
Description
Mountable racks
Standards
Part number
CPU
Rack
C200HW
Expansion
Racks
CS1 Ex-
pansion
Racks
SYSMAC
BUS Slave
Racks
Motion Control
Modules
CS1W Analog Motion Module,
2-axis
Yes
No
Yes
No
U, C, N,
CE, L
CS1W-MC221
CS1W Analog Motion Module,
4-axis
,
CS1W-MC421
Configuration
Software
CX-Motion Configuration
Software for MC Type Modules
WS02-MCTC1-E
Peripheral Devices (for Motion Control Modules)
Item/Description
Part n mber
Item/Description
Part number
Teaching Box
CVM1PRO01-E
RON Cassette
CVM1-MP702
Terminal Block for 2 Axes
XW2B-20J6-6
Terminal Block for 4 Axes
XW2B-40J6-7
Terminal Block Cable
XW2Z-100J-F1
Servo Drive Cables
H-Series
Cable for 1 axis
1m
R88A-CPH001M1
2m
R88A-CPH002M1
Cable for 2 axes
1m
R88A-CPH001M2
2m
R88A-CPH002M2
M-Series
Cable for 1
1m
R88A-CPM001M1
2m
R88A-CPM002M1
Cable for 2 axes
1m
R88A-CPM001M2
2m
R88A-CPM002M2
U-Series up to 750 W
Cable for 1 axes
1m
R88A-CPU001M1
2m
R88A-CPU002M1
Cable for 2 axes
1m
R88A-CPU001M2
2m
R88A-CPU002M2
U-Series from 1to5kW
Cable for 1 axis
1m
R88A-CPB001M1
2m
R88A-CPB002M1
Cable for 2 axes
1m
R88A-CPB001M2
2m
R88A-CPB002M2
Personal Computer Cables
f
CX M ti
S ft
Peripheral port
0.1 m
CS1W-CN118
for CX-Motion Software
(See Note )
2m
CS1W-CN226
(See Note.)
6m
CS1W-CN626
RS-232C port
2m
XW2Z-200S-V
5m
XW2Z-500S-V
Note:
To connect to a CS1 Series CPU Module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com