Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # E3Z
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z Datasheet(HTML) 2 Page - Omron Electronics LLC

  E3Z Datasheet HTML 1Page - Omron Electronics LLC E3Z Datasheet HTML 2Page - Omron Electronics LLC E3Z Datasheet HTML 3Page - Omron Electronics LLC E3Z Datasheet HTML 4Page - Omron Electronics LLC E3Z Datasheet HTML 5Page - Omron Electronics LLC E3Z Datasheet HTML 6Page - Omron Electronics LLC E3Z Datasheet HTML 7Page - Omron Electronics LLC E3Z Datasheet HTML 8Page - Omron Electronics LLC E3Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 15 page
background image
E3Z
E3Z
3
J
ACCESSORIES (ORDER SEPARATELY)
Slit for Through-beam Models (E3Z--Tjj)
Order a slit for each emitter and receiver.
Slit width
Sensing distance (typical)
Minimum sensing object (typical)
Part number
0.5 mm dia.
50 mm
0.5 mm dia.
E39-S65A
1mm dia.
200 mm
1mm dia.
E39-S65B
2mm dia.
800 mm
2mm dia.
E39-S65C
0.5×10 mm
1m
0.7 mm dia.
E39-S65D
1×10 mm
2.2 m
1.2 mm dia.
E39-S65E
2×10 mm
5m
2.4 mm dia.
E39-S65F
Reflectors for Retroreflective Models
Name
Sensing distance (typical)
Part number
Reflector
100 mm to 3 m
E39-R1
Reflector
100 mm to 4 m
E39-R1S
100 mm to 5 m
E39-R2
100 mm to 2.5 m
E39-R9
100 mm to 3.5 m
E39-R10
Miniature Reflector
50 mm to 1.5 m
E39-R3
Tape Reflector
150 mm to 700 mm
E39-RS1
Tape Reflector
150 mm to 1.1 m
E39-RS2
150 mm to 1.4 m
E39-RS3
Note: The actual sensing distance may be reduced to approximately 70% of the typical sensing distance when using a Reflector other
than the E39-R1 or the E39-R1S.
J
MOUNTING BRACKETS
Appearance
Description
Part
number
L-bracket, horizontal
E39-L104
L-bracket, vertical
E39-L44
Open top,
20° angle adjustability
E39-L43
Protected top
5° angle adjustability
E39-L144
Appearance
Description
Part
number
Compact vertical
protective cover bracket
E39-L142
Vertical protective cover
bracket
E39-L98
Note: If a through-beam model is used, order two Mounting Brackets — one for the emitter and one for the receiver.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com