Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # E3Z
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z Datasheet(HTML) 6 Page - Omron Electronics LLC

Back Button E3Z Datasheet HTML 2Page - Omron Electronics LLC E3Z Datasheet HTML 3Page - Omron Electronics LLC E3Z Datasheet HTML 4Page - Omron Electronics LLC E3Z Datasheet HTML 5Page - Omron Electronics LLC E3Z Datasheet HTML 6Page - Omron Electronics LLC E3Z Datasheet HTML 7Page - Omron Electronics LLC E3Z Datasheet HTML 8Page - Omron Electronics LLC E3Z Datasheet HTML 9Page - Omron Electronics LLC E3Z Datasheet HTML 10Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 15 page
background image
E3Z
E3Z
7
J
EXCESS GAIN RATIO VS. DISTANCE (TYPICAL)
Through-beam Models
E3Z-Tj1(Tj6)
Distance X (m)
Distance X (m)
Retroreflective Models
E3Z-Rj1(Rj6) and Reflector
Diffuse Reflective Models
E3Z-Dj1(Dj6)
Distance X (mm)
Diffuse Reflective Model
E3Z-Dj2(Dj7)
Distance X (m)
E39-R3
E39-R1
E39-R1S
E39-R2
Sensing target:
100 x 100 mm white paper
Sensing target:
300 x 300 mm white paper
Sensing Target Size vs. Sensing Distance (Typical)
Black paper
White paper
Black paper
Side length (one side) of
sensing target: d (mm)
Side length (one side) of
sensing target: d (mm)
Diffuse Reflective Models
E3Z-Dj1(Dj6)
Diffuse Reflective Models
E3Z-Dj2(Dj7)
White paper
SUS (glossy
surface)
SUS (glossy
surface)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com