Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # E3Z
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z Datasheet(HTML) 3 Page - Omron Electronics LLC

  E3Z Datasheet HTML 1Page - Omron Electronics LLC E3Z Datasheet HTML 2Page - Omron Electronics LLC E3Z Datasheet HTML 3Page - Omron Electronics LLC E3Z Datasheet HTML 4Page - Omron Electronics LLC E3Z Datasheet HTML 5Page - Omron Electronics LLC E3Z Datasheet HTML 6Page - Omron Electronics LLC E3Z Datasheet HTML 7Page - Omron Electronics LLC E3Z Datasheet HTML 8Page - Omron Electronics LLC E3Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
E3Z
E3Z
4
M8 Connectors
Appearance
Cable type
Part number
Straight
2 m (6.56 ft)
Four-wire type
XS3F-M421-402-A
Straight
5 m (16.40 ft)
Four wire type
XS3F-M421-405-A
Right angle
2 m (6.56 ft)
XS3F-M422-402-A
Right angle
5 m (16.40 ft)
XS3F-M422-405-A
Specifications
Item
Sensing method
Through-beam
Polarized retroreflective Diffuse reflective
Item
NPN output
E3Z-T61/T66
E3Z-R61/R66
E3Z-D61/D66
E3Z-D62/D67
PNP output
E3Z-T81/T86
E3Z-R81/R86
E3Z-D81/D86
E3Z-D82/D87
Sensing distance
15 m
100 mm (4 m Note 1)
(when using E39-R1S)
100 mm (3 m Note 2)
(when using E39-R1)
White paper
(100×100 mm):
100 mm
White paper
(300×300 mm):
1m
Standard sensing object
Opaque: 12 mm
(dia. min.)
Opaque: 75 mm
(dia. min.)
---
Hysteresis
---
20% max. of setting distance
Directional angle
Both emitter and
receiver: 3 to 15°
2to10°
---
Light source (wave length)
Infrared LED (860 nm)
Red LED (680 nm)
Infrared LED (860 nm)
Power supply voltage
12 to 24 VDC ±10% including 10% (p-p) max. ripple
Current consumption
Emitter: 15 mA
Receiver: 20 mA
30 mA max.
Control output
100 mA max. at 26.4 VDC, open collector output
(residual voltage: 1 V max.)
L-ON/D-ON, switch selectable
Circuit protection
Load short-circuit and
reversed power supply
protection
Reversed power supply connection, output short-circuit, and mutual
interference protection
Response time
1ms max.
Sensitivity adjustment
One-turn potentiometer
Ambient
illumination
Incandescent lamp
3,000 lux max.
illumination
(receiver side)
Sunlight
10,000 lux max.
Ambient
Operating
--25°Cto 55°C(--13°F to 131°F)
Ambient
temperature
Storage
--40°Cto 70°C(--40°F to 158°F) with no icing or condensation
Ambient
Operating
35% to 85%
Ambient
humidity
Storage
35% to 95% with no condensation
Insulation resistance
20 MΩ min. at 500 VDC
Dielectric strength
1,000 VAC, 50/60 Hz for 1 min
Vibration resistance
10 to 55 Hz, 1.5-mm double amplitude or 300 m/s2 for 2 hours each in X, Y, and Z axes
Shock
resistance
Destruction
500 m/s2 3 times each in X, Y, and Z axes
Enclosure rating
IP67 (IEC60529)
Approvals
CE
Connection method
2 m cable or M8 connector
Indicator
Operation indicator (orange)
Stability indicator (green)
Emitter has power indicator (orange) only
Weight
Pre-wired cable (2 m)
Approx. 120 g (4.2 oz)
Approx. 65 g (2.3 oz)
Weight
(packed state)
Connector
Approx. 30 g (1.1 oz)
Approx. 20 g (0.7 oz)
Material
Case: PBT (polybutylene terephthalate); Lens: Methacrylate resin
Accessories
Instruction manual (Order Reflector and Mounting Bracket separately.)
Note: 1. Sensing distance can be extended up to 4 meters when the E39-R1S reflector is used.
2. Sensing distance can be extended up to 3 meters when the E39-R1 reflector is used.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com