Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E3Z Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # E3Z
Description  Photoelectric Sensor with Built-in Amplifier
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3Z Datasheet(HTML) 5 Page - Omron Electronics LLC

  E3Z Datasheet HTML 1Page - Omron Electronics LLC E3Z Datasheet HTML 2Page - Omron Electronics LLC E3Z Datasheet HTML 3Page - Omron Electronics LLC E3Z Datasheet HTML 4Page - Omron Electronics LLC E3Z Datasheet HTML 5Page - Omron Electronics LLC E3Z Datasheet HTML 6Page - Omron Electronics LLC E3Z Datasheet HTML 7Page - Omron Electronics LLC E3Z Datasheet HTML 8Page - Omron Electronics LLC E3Z Datasheet HTML 9Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
E3Z
E3Z
6
J
CONNECTOR PIN-OUT
Wire colors
Brown
White
Blue
Black
XS3F-M421-402-A XS3F-M421-405-A
XS3F-M422-402-A XS3F-M422-405-A
Classification
Wire color
Connector pin No.
Use
DC
Brown
A
Power supply (+V)
DC
White
B
Pin 2 is not used.
Blue
C
Power supply (0 V)
Black
D
Output
Note: The through-beam emitter does not use pins 2 and 4.
Engineering Data
J
PARALLEL OPERATING RANGE (TYPICAL)
Through-beam Models
E3Z-Tj1(Tj6)
Through-beam Models
E3Z-Tj1(Tj6) and Slit
Retroreflective Models
E3Z-Rj1(Rj6) and Reflector
Distance X (m)
2-dia. slit
1-dia. slit
Slit: 0.5 x 10
Slit: 2 x 10
E39-RS1
E39-RS2
E39-RS3
E39-R3
E39-R1
E39-R1S
E39-R2
Slit: 1 x 10
Distance X (m)
Distance X (m)
J
OPERATING RANGE (TYPICAL)
White drawingpaper
SUS
(glossy surface)
Black
carbon
Diffuse Reflective Models
E3Z-Dj1(Dj6)
Diffuse Reflective Models
E3Z-Dj2(Dj7)
Distance X (mm)
Distance X (m)
SUS
(glossy surface)
White drawingpaper
Black carbon



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com