Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 35 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 35 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 31Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 32Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 33Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 34Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 35Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 36Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 37Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 38Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 39Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 72 page
background image
E5CN-H
35
Input Ranges
Thermocouple/Platinum Resistance Thermometer/Analog Input (Fully Universal Inputs)
Input type
Platinum resistance
thermometer
Thermocouple
Analog
input
Name
Pt100
JPt100
K
J
T
E
L
U
N
R
S
B
W PL II
4 to
20 mA
0 to
20 mA
1 to
5V
0 to
5V
0 to
10 V
2300
1800
1700
1600
1500
1400
1300
1200
1100
1000
900
800
700
600
500
400
300
200
100
0
−100
−200
2300.0
Usable in the following
ranges by scaling:
−19999 to 32400,
−1999.9 to 3240.0,
−199.99 to 324.00, or
−19.999 to 32.400
1800.0
1700.01700.0
1300.0
1300.0
1300.0
850.0
850.0
850.0
600.0
500.0
500.0
500.0
400.0
400.0 400.0
400.0 400.0
200.00
200.00
200.00
200.00
100.0
100.0
100.0
0.0
0.0
0.0
0.0
0.0
0.0
−50.00
−20.0 −50.00−100.0 −20.0 −50.00
−50.00
−100.0
−200.0−199.9
−199.9
−200.0
−200.0−199.9
−200.0
−200.0−199.9−200.0
Setting
number
012
24
34
5
6
21
7
8
22
9
1023111213
141516171819202526272829
Shaded settings are the default settings.
The applicable standards for the input types are as follows:
K, J, T, E, N, R, S, B: JIS C 1602-1995, IEC 584-1
L: Fe-CuNi, DIN 43710-1985
U: Cu-CuNi, DIN 43710-1985
W: W5Re/W26Re, ASTM E988-1990
JPt100: JIS C 1604-1989, JIS C 1606-1989
Pt100: JIS C 1604-1997, IEC 751
PL II: According to Platinel II electromotive force charts from BASF (previously
Engelhard)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com