Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 43 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 43 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 39Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 40Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 41Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 42Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 43Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 44Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 45Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 46Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 47Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 72 page
background image
43
Advanced Digital Temperature Controller
E5AN-H/E5EN-H
(96 x 96 mm and 48 x 96 mm)
A New High-performance Controller: High Resolution, High Speed, and
High Input Accuracy.
Logic Operations and Preventive Maintenance Function. Plus Infrared
Port on Front Panel.
• High-resolution display with 5 digits/0.01×C display.
• High-speed sampling cycle of 60 ms.
• High Accuracy
Thermocouple/Pt input: ±0.1% of PV
Analog input: ±0.1% FS
• Universal inputs on all models (thermocouple, PT, or analog input)
to handle various sensors with one Controller. Models also
available with Remote SP.
• A PV/SV-status display function can be set to automatically
alternate between displaying the status of the Temperature
Controller (auto/manual, RUN/STOP, and alarms) and the PV or
SV.
• Flexible contact outputs with logic operations (AND, OR, and
delays) set from the Support Software (CX-Thermo Ver. 4.0)
• Preventive maintenance for relays in the Temperature Controller
using a Control Output ON/OFF Counter.
• Model available with position-proportional control
Main I/O Functions
96
× 96 mm
E5AN-H
48
× 96 mm
E5EN-H
Refer to Safety Precautions on page 66.
• Auto/manual switching
• Temperature Controller
status display
• Simple program
function
• Logic operations
• Control output ON/OFF
count alarm
• PV change rate alarm
• Models available with
RS-485, RS-422, or
RS-232C
communications
Event Inputs
• None
• Two
• Four
Universal Sensor Inputs
• Universal thermocouple/
Pt/analog
(current/voltage) inputs.
Indication Accuracy
• Thermocouple/Pt input:
±0.1% of PV
• Analog input:
±0.1% FS
Sampling Period
• 60 ms
PF Key
(Programmable
key function)
Auxiliary Outputs
• Two
• Three
Remote SP Input
• One
3-level Display
Simultaneously displays set items, such as the
PV, SV, and MV.
5-digit Display with high resolution of 0.01
°C
Infrared port
E5AN-H
E5EN-H
Computer Support Software
CX-Thermo
USB
Control Output 1
(built-in)
• SSR outputs
Output Unit
• Relay output
• Voltage output (for driving SSR)
• Current output
• Linear voltage output
Control Output 2
(built-in)
• SSR outputs
Output Unit
• Relay output
• Voltage output (for driving SSR)
• Current output
• Linear voltage output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com