Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

E5CN-RML-500 Datasheet(PDF) 54 Page - Omron Electronics LLC

Part # E5CN-RML-500
Description  Digital Temperature Controllers/Digital Controllers
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E5CN-RML-500 Datasheet(HTML) 54 Page - Omron Electronics LLC

Back Button E5CN-RML-500 Datasheet HTML 50Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 51Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 52Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 53Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 54Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 55Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 56Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 57Page - Omron Electronics LLC E5CN-RML-500 Datasheet HTML 58Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 72 page
background image
E5AN-H/E5EN-H
54
Nomenclature
Dimensions
(Unit: mm)
PF
A/M
SUB3
HA
SUB2
OUT2
OUT1
CMW
RSP STOP
MANU
SUB1
MV
SV
PV
Ir
E5AN-H
Operation indicators
No.1 display
No.2 display
No.3 display
Up Key
Down Key
Temperature unit
Mode Key
Level Key
Programmable
Function Key/
Auto/Manual Key
E5AN-H
E5EN-H
Ir
PF
A/M
MV
SV
PV
SUB2
SUB3
STOP
OUT1
RSP
MANU
CMW
OUT2
SUB1
HA
E5EN-H
Operation indicators
Temperature unit
Operation indicators
Mode Key
Level Key
No.1 display
No.2 display
No.3 display
Up Key
Down Key
Programmable
Function Key/
Auto/Manual Key
Mounting Bracket
(Accessory)
Waterproof
Packing
(Accessory)
Terminal Cover
(E53-COV16)
(Accessory)
Crimp terminal size: M3.5
96
× 96
112
91
79.2
6
2
92
+0.8
0
92
+0.8
0
92
+0.8
0
(96 × number of units − 3.5)
+1.0
0
120 min.
Group mounting does not
allow waterproofing.
Mounted Separately
Group Mounted
✽
• Recommended panel thickness is 1 to
8mm.
• Group mounting is not possible in the
vertical direction. (Maintain the specified
mounting space between Controllers.)
• To mount the Controller so that it is
waterproof, insert the waterproof packing
onto the Controller.
• When two or more Controllers are
mounted, make sure that the surrounding
temperature does not exceed the
allowable operating temperature specified
in the specifications.
E5AN-H
✽ Group mounting is not possible if an SSR output is used for
control output 1 or 2 and the E53-C3N or E53-C3DN Output Unit
is used. For these combinations, maintain the following mounting
space between Controllers.
92
+0.8
0
92
+0.8
0
110 min.
120 min.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com